Electronic Components Datasheet Search
  English  ▼

X  

AOTF11S60L Datasheet (PDF) - Alpha & Omega Semiconductors

AOTF11S60L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOTF11S60L
Download  AOTF11S60L Download
File Size   508.66 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 11A a MOS

AOTF11S60L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOTF11S60L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOTF11S60L
Download  AOTF11S60L Click to download

File Size   508.66 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 11A a MOS

AOTF11S60L Datasheet (HTML) - Alpha & Omega Semiconductors


AOTF11S60L Product details

General Description
The AOT11S60& AOB11S60 & AOTF11S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

Product Summary
    VDS @ Tj,max                      700V
    IDM                                       45A
    RDS(ON),max                      0.399Ω
    Qg,typ                                   11nC
    Eoss @ 400V                       2.7µJ
   
    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOTF11S60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF11S60L AOSMD-AOTF11S60L Datasheet
508Kb / 7P
600V 11A a MOS
More results


Similar Description - AOTF11S60L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
logo
Alpha & Omega Semicondu...
AOB11S60 AOSMD-AOB11S60 Datasheet
297Kb / 6P
600V 11A a MOS Power Transistor
AOD11S60 AOSMD-AOD11S60 Datasheet
400Kb / 7P
600V 11A a MOS Power Transistor
AOW11S60 AOSMD-AOW11S60 Datasheet
282Kb / 6P
600V 11A a MOS TM Power Transistor
logo
Renesas Technology Corp
RJK6013DPE RENESAS-RJK6013DPE_12 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
logo
Alpha & Omega Semicondu...
AOT11S60L AOSMD-AOT11S60L Datasheet
508Kb / 7P
600V 11A a MOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com