Electronic Components Datasheet Search
  English  ▼

X  

MCSO1EL Datasheet (PDF) - Golledge Electronics Ltd

MCSO1EL Datasheet PDF - Golledge Electronics Ltd
Part # MCSO1EL
Download  MCSO1EL Download
File Size   549.08 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V Low Frequency CMOS Oscillator for Extreme Environments

MCSO1EL Datasheet (PDF)

Go To PDF Page Download Datasheet
MCSO1EL Datasheet PDF - Golledge Electronics Ltd

Part # MCSO1EL
Download  MCSO1EL Click to download

File Size   549.08 Kbytes
Page   4 Pages
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd
Description 5V Low Frequency CMOS Oscillator for Extreme Environments

MCSO1EL Datasheet (HTML) - Golledge Electronics Ltd




Similar Part No. - MCSO1EL

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
MCSO1EL MICROCRYSTAL-MCSO1EL Datasheet
76Kb / 2P
Miniature SMD Clock-Oscillator
logo
Golledge Electronics Lt...
MCSO1EL GOLLEDGE-MCSO1EL Datasheet
138Kb / 1P
CMOS Oscillator Low Power
MCSO1EL/DE GOLLEDGE-MCSO1EL/DE Datasheet
138Kb / 1P
CMOS Oscillator Low Power
MCSO1EL/WG GOLLEDGE-MCSO1EL/WG Datasheet
138Kb / 1P
CMOS Oscillator Low Power
logo
MICORO CRYSTAL SWITZERL...
MCSO1ELS MICROCRYSTAL-MCSO1ELS Datasheet
366Kb / 2P
low consumption 32.768 kHz
More results


Similar Description - MCSO1EL

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO6E GOLLEDGE-MCSO6E Datasheet
552Kb / 4P
5V Miniature CMOS Oscillator for Extreme Environments
MCSO1E GOLLEDGE-MCSO1E_18 Datasheet
552Kb / 4P
5.0VLowFrequency Oscillator for ExtremeEnvironments
MCSO1ELS GOLLEDGE-MCSO1ELS Datasheet
549Kb / 4P
5V CMOS Low Frequency Oscillator with Tight Stability for Extreme Environments
MCSO1EW GOLLEDGE-MCSO1EW Datasheet
552Kb / 4P
2.5V Low Frequency Oscillator for Extreme Environments
MCSO1ELW GOLLEDGE-MCSO1ELW Datasheet
549Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO1ELV GOLLEDGE-MCSO1ELV Datasheet
549Kb / 4P
3.3V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2EL GOLLEDGE-MCSO2EL Datasheet
546Kb / 4P
5V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2ELV GOLLEDGE-MCSO2ELV Datasheet
547Kb / 4P
3.3V Low Frequency CMOS Oscillator for Extreme Environments
MCSO2ELW GOLLEDGE-MCSO2ELW Datasheet
547Kb / 4P
2.5V Low Frequency CMOS Oscillator for Extreme Environments
logo
Thinki Semiconductor Co...
F30UA60S THINKISEMI-F30UA60S Datasheet
3Mb / 3P
30Amperes,600Volts Insulated Ultra Fast Soft Recovery Epitaxial Diode
Rev.08T
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com