Electronic Components Datasheet Search
  English  ▼

X  

ASMT-MBK0 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ASMT-MBK0 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ASMT-MBK0
Download  ASMT-MBK0 Download
File Size   510.49 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description MoonstoneTM 1W Power LED Light Source on MCPCB

ASMT-MBK0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASMT-MBK0 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-MBK0
Download  ASMT-MBK0 Click to download

File Size   510.49 Kbytes
Page   11 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description MoonstoneTM 1W Power LED Light Source on MCPCB

ASMT-MBK0 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - ASMT-MBK0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
322Kb / 9P
1 W Power LED Light Source
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
195Kb / 13P
MoonstoneTM 1 W Power LED Light Source
ASMT-MB00-NDF00 AVAGO-ASMT-MB00-NDF00 Datasheet
195Kb / 13P
MoonstoneTM 1 W Power LED Light Source
ASMT-MBA0 AVAGO-ASMT-MBA0 Datasheet
526Kb / 10P
MoonstoneTM 1W Power LED Light Source on MCPCB
More results


Similar Description - ASMT-MBK0

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BTP-51XXCR-XX-XX DBLECTRO-BTP-51XXCR-XX-XX Datasheet
212Kb / 4P
BriLux 1W Light Source
BTP-53XXCR-XX-XX DBLECTRO-BTP-53XXCR-XX-XX Datasheet
212Kb / 4P
BriLux 1W Light Source
BTP-183XXCQ-XX-XX DBLECTRO-BTP-183XXCQ-XX-XX Datasheet
187Kb / 4P
BriLux 1W Light Source
BTP-187XXCQ-XX-XX DBLECTRO-BTP-187XXCQ-XX-XX Datasheet
237Kb / 4P
BriLux 1W Light Source
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MX6X AVAGO-ASMT-MX6X Datasheet
662Kb / 11P
MoonstoneTM 1/2W Power LED Light Source
ASMT-MB00-NDF00 AVAGO-ASMT-MB00-NDF00 Datasheet
195Kb / 13P
MoonstoneTM 1 W Power LED Light Source
ASMT-MW09 AVAGO-ASMT-MW09 Datasheet
619Kb / 9P
MoonstoneTM 1W Power LED Light Source
ASMT-MXA0 AVAGO-ASMT-MXA0 Datasheet
526Kb / 10P
MoonstoneTM 1W Power LED Light Source on MCPCB
ASMT-MXL1 AVAGO-ASMT-MXL1 Datasheet
484Kb / 10P
Moonstone TM 1W Diffused Power LED Light Source on MCPCB
logo
Broadcom Corporation.
ASMT-AX00 BOARDCOM-ASMT-AX00 Datasheet
1Mb / 20P
1W Power LED Light Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com