Electronic Components Datasheet Search
  English  ▼

X  

EM8476 Datasheet (PDF) - List of Unclassifed Manufacturers

EM8476 Datasheet PDF - List of Unclassifed Manufacturers
Part # EM8476
Download  EM8476 Download
File Size   150.24 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MPEG - 4 DECODER FOR SET-TOP DVD AND STREAMING APPLICATIONS

EM8476 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM8476 Datasheet PDF - List of Unclassifed Manufacturers

Part # EM8476
Download  EM8476 Click to download

File Size   150.24 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description MPEG - 4 DECODER FOR SET-TOP DVD AND STREAMING APPLICATIONS

EM8476 Datasheet (HTML) - List of Unclassifed Manufacturers


EM8476 Product details

[Sigma Designs, Inc.]

Description
The EM847x family is a single-chip MPEG audio/video decoder that supports DVD-Video, Superbit™ DVD, SVCD, VCD and audio CD media formats. Video decoding support includes MPEG-1, MPEG-2 MP@ML and MPEG-4 advanced simple video profile Level 51. Audio decoding support includes Dolby® Digital, MPEG-1 Layers 1 and 2, MPEG-4 high quality profile Level 2, and 16-bit linear PCM. DVD-Video support includes hardware CSS decryption, 16:9 and 4:3 aspect ratios, letterboxing, 3:2 pull-down, multiple angles and sub-picture.

Common Features
• Pin and functionally compatible with EM8400 (EM8470 and EM8471 only)
• Compatible with MPEG-4 Client Players from Envivio and iVAST and a wide variety of MPEG-2 video servers
• Supports ISMA and MPEG-2 streaming formats, IP multicasting
• Supports DVD-Video, Superbit DVD, SVCD, VCD, audio CD media formats
• MPEG-1, MPEG-2 MP@ML, MPEG-4 Advanced Simple Profile Level 51 video decoding
• Dolby Digital, MPEG-1 Layers 1 and 2, MPEG- 4 High Quality Profile Level 2, and linear PCM audio decoding
• Programmable display output with improved scaling up to 1920x1080 resolution, interlaced or progressive, up to 120 Hz refresh
• 2-, 4-, 7- or 8-bit OSD with optional run-length compression, alpha blending and flicker filtering
• 80 MHz digital video output interface: 8- or 16- bit CCIR 601 / 656 YCbCr
• Improved NTSC/PAL composite and s-video outputs with optional Macrovision v7.1 protection and VBI data support (10-bit DACs)
• Digital audio output interface: I2S for PCM or S/PDIF (IEC 60958) for PCM, compressed Dolby Digital and compressed DTS
• Improved PCI v2.1 bus master / slave interface supports both read and write operations
• 2.5V core with 3.3V I/O (5V tolerant) for low power operation
• Package: 208 PQFP for EM8470 and EM8471 (pin compatible with EM8400), 328 BGA for EM8475 and EM8476

EM8475 / EM8476 Features
• Digital audio input interface: I2S
• 80 MHz digital video input interface: 8- or 16-bit CCIR 601 / 656 YCbCr supporting resolutions up to 1920x1080i
• 80 MHz 24-bit digital RGB output interface for DVI with HDCP support
• Interlaced or progressive analog RGB or YPbPr video outputs with optional Macrovision AGC v1.03 protection and VBI data support (10-bit DACs)
• Stereo audio DACs
• Flexible Local Bus interface

Applications
• Consumer products needing PVR and playback of video-on-demand (VOD), streaming video, progressive DVD
• Set-top boxes, media/home gateways, video end points, convergence appliances




Similar Part No. - EM8476

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM84 ETC2-EM84 Datasheet
60Kb / 3P
TUNING INDICATOR
EM84 ETC-EM84 Datasheet
126Kb / 2P
Vertical-Deflection Oscillator and Amplifier
EM8400 ETC1-EM8400 Datasheet
99Kb / 8P
MPEG-2 Decoder for Set-top, DVD and Streaming Applications
EM8401 ETC1-EM8401 Datasheet
99Kb / 8P
MPEG-2 Decoder for Set-top, DVD and Streaming Applications
logo
ELAN Microelectronics C...
EM84100 EMC-EM84100 Datasheet
157Kb / 6P
CORDLESS MOUSE ENCODER
More results


Similar Description - EM8476

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
MPEG-2 Decoder for Set-Top-Boxes
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
Rev. 1
STI5500 STMICROELECTRONICS-STI5500 Datasheet
317Kb / 11P
SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
Oct-1997
logo
List of Unclassifed Man...
EM8400 ETC1-EM8400 Datasheet
99Kb / 8P
MPEG-2 Decoder for Set-top, DVD and Streaming Applications
logo
STMicroelectronics
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
19-Dec-2007
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
16-Feb-2007
STI5189 STMICROELECTRONICS-STI5189 Datasheet
149Kb / 9P
Low-cost QPSK demodulator and MPEG2 decoder for set-top box applications
30-Jul-2009
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
Advanced SD decoder for set-top box applications
23-Jul-2010
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
19-Dec-2006
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
20-Oct-2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com