Electronic Components Datasheet Search
  English  ▼

X  

ICL3221ECAZ Datasheet (PDF) - Renesas Technology Corp

ICL3221ECAZ Datasheet PDF - Renesas Technology Corp
Part # ICL3221ECAZ
Download  ICL3221ECAZ Download
File Size   1414.75 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)

ICL3221ECAZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL3221ECAZ Datasheet PDF - Renesas Technology Corp

Part # ICL3221ECAZ
Download  ICL3221ECAZ Click to download

File Size   1414.75 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)

ICL3221ECAZ Datasheet (HTML) - Renesas Technology Corp


ICL3221ECAZ Product details

The Intersil ICL32xxE devices are 3.0V to 5.5V powered RS-232 transmitters/receivers which meet ElA/TIA-232 and V.28/V.24 specifications, even at VCC = 3.0V. Additionally, they provide ±15kV ESD protection (IEC61000-4-2 Air Gap and Human Body Model) on transmitter outputs and receiver inputs (RS- 232 pins). Targeted applications are PDAs, Palmtops, and notebook and laptop computers where the low operational, and even lower standby, power consumption is critical. Efficient on-chip charge pumps, coupled with manual and automatic power-down functions (except for the ICL3232E), reduce the standby supply current to a 1µA trickle. Small footprint packaging, and the use of small, low value capacitors ensure board space savings as well. Data  greater than 250kbps are guaranteed at worst case load conditions. This family is fully compatible with 3.3Vonly systems, mixed 3.3V and 5.0V systems, and 5.0V-only systems.

Features
• ESD Protection for RS-232 I/O Pins to ±15kV (IEC61000)
• Drop in Replacements for MAX3221E, MAX3222E, MAX3223E, MAX3232E, MAX3241E, MAX3243E, SP3243E
• ICL3221E is a Low Power, Pin Compatible Upgrade for 5V MAX221E
• ICL3222E is a Low Power, Pin Compatible Upgrade for 5V MAX242E, and SP312E
• ICL3232E is a Low Power Upgrade for HIN232E, ICL232 and Pin Compatible Competitor Devices
• RS-232 Compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External 0.1µF Capacitors
• Manual and Automatic Power-Down Features
• Guaranteed Mouse Driveability (ICL324xE Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate 250kbps
• Wide Power Supply Range Single +3V to +5.5V
• Low Supply Current in Power-Down State1µA
• Pb-Free Available (RoHS Compliant)

Applications
• Any System Requiring RS-232 Communication Ports
    - Battery Powered, Hand-Held, and Portable Equipment
    - Laptop Computers, Notebooks, Palmtops
    - Modems, Printers and other Peripherals
    - Digital Cameras
    - Cellular/Mobile Phones




Similar Part No. - ICL3221ECAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221ECAZ INTERSIL-ICL3221ECAZ Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221ECAZ INTERSIL-ICL3221ECAZ Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221ECAZ-T INTERSIL-ICL3221ECAZ-T Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221ECAZA INTERSIL-ICL3221ECAZA Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
ICL3221ECAZA INTERSIL-ICL3221ECAZA Datasheet
699Kb / 33P
±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
More results


Similar Description - ICL3221ECAZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3238E MAXIM-MAX3238E Datasheet
235Kb / 14P
3.0V to 5.5V, 10nA, 250kbps RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
19-1632; Rev 1; 6/01
MAX3380E MAXIM-MAX3380E Datasheet
257Kb / 14P
2.35V to 5.5V, 1關A, 2Tx/2Rx RS-232 Transceivers with 짹15kV ESD-Protected I/O and Logic Pins
MAX3228E-MAX3229E MAXIM-MAX3228E-MAX3229E Datasheet
227Kb / 15P
짹15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 1; 5/04
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
logo
Texas Instruments
MAX232E TI-MAX232E_10 Datasheet
405Kb / 16P
DUAL RS-232 DRIVER/RECEIVER WITH IEC61000-4-2 PROTECTION
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Unisonic Technologies
UT3222 UTC-UT3222 Datasheet
227Kb / 7P
3V TO 5.5V MULTICHANNEL RS-232 LINE TRANSCEIVERS WITH 짹15kV ESD PROTECTION
logo
Intersil Corporation
ICL3222ECV INTERSIL-ICL3222ECV Datasheet
699Kb / 33P
ESD Protection for RS-232 I/O Pins to 5kV (IEC61000)
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com