Electronic Components Datasheet Search
  English  ▼

X  

EL8108IS Datasheet (PDF) - Renesas Technology Corp

EL8108IS Datasheet PDF - Renesas Technology Corp
Part # EL8108IS
Download  EL8108IS Download
File Size   677.79 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Video Distribution Amplifier

EL8108IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8108IS Datasheet PDF - Renesas Technology Corp

Part # EL8108IS
Download  EL8108IS Click to download

File Size   677.79 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Video Distribution Amplifier

EL8108IS Datasheet (HTML) - Renesas Technology Corp


EL8108IS Product details

Video Distribution Amplifier

The EL8108 is a dual current feedback operational amplifier designed for video distribution solutions. This device features a high drive capability of 450mA while consuming only 5mA of supply current per amplifier and operating from a single 5V to 12V supply.

Features
• Drives up to 450mA from a +12V supply
• 20VP-P differential output drive into 100
• -85dBc typical driver output distortion at full output at 150kHz
• -70dBc typical driver output distortion at 3.75MHz
• Low quiescent current of 5mA per amplifier
• 300MHz bandwidth
• Pb-free available (RoHS compliant)

Applications
• Video distribution amplifiers




Similar Part No. - EL8108IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8108IS INTERSIL-EL8108IS Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
EL8108IS INTERSIL-EL8108IS Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
EL8108IS-T13 INTERSIL-EL8108IS-T13 Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
EL8108IS-T13 INTERSIL-EL8108IS-T13 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
EL8108IS-T7 INTERSIL-EL8108IS-T7 Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
More results


Similar Description - EL8108IS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
VIDEO AMPLIFIER
logo
NXP Semiconductors
NE592 PHILIPS-NE592 Datasheet
141Kb / 8P
Video amplifier
April 15, 1992
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
Video Distribution Amplifier
logo
Intersil Corporation
EL8108 INTERSIL-EL8108 Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
EL2099 INTERSIL-EL2099 Datasheet
245Kb / 12P
Video Distribution Amplifier
January 1996
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
Video Distribution Amplifier
November 1, 2007
EL8108 INTERSIL-EL8108_08 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Agamem Microelectronic ...
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
VIDEO AMPLIFIER
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
Video Amplifier
March, 2016 ??Rev. 5
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com