Electronic Components Datasheet Search
  English  ▼

X  

EL5170 Datasheet (PDF) - Renesas Technology Corp

EL5170 Datasheet PDF - Renesas Technology Corp
Part # EL5170
Download  EL5170 Download
File Size   720.35 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz Differential Twisted-Pair Drivers

EL5170 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5170 Datasheet PDF - Renesas Technology Corp

Part # EL5170
Download  EL5170 Click to download

File Size   720.35 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100MHz Differential Twisted-Pair Drivers

EL5170 Datasheet (HTML) - Renesas Technology Corp


EL5170 Product details

100MHz Differential Twisted-Pair Drivers

The EL5170 and EL5370 are single and triple high bandwidth amplifiers with a fixed gain of 2. They are primarily targeted for applications such as driving twisted-pair lines in component video applications. The inputs signal can be in either single-ended or differential form but the outputs are always in differential form.

Features
• Fully differential inputs and outputs
• Differential input range ±2.3V typ.
• 100MHz 3dB bandwidth at fixed gain of 2
• 1100V/µs slew rate
• Single 5V or dual ±5V supplies
• 50mA maximum output current
• Low power - 7.4mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair drivers
• Differential line drivers
• VGA over twisted-pairs
• ADSL/HDSL drivers
• Single ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170 Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5170 INTERSIL-EL5170 Datasheet
311Kb / 15P
100MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
100MHz Differential Twisted-Pair Drivers
September 14, 2010
EL5170IS INTERSIL-EL5170IS Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5170IS INTERSIL-EL5170IS Datasheet
311Kb / 15P
100MHz Differential Twisted-Pair Drivers
More results


Similar Description - EL5170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5170 INTERSIL-EL5170_07 Datasheet
311Kb / 15P
100MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
100MHz Differential Twisted-Pair Drivers
September 14, 2010
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com