Electronic Components Datasheet Search
  English  ▼

X  

EL2276 Datasheet (PDF) - Renesas Technology Corp

EL2276 Datasheet PDF - Renesas Technology Corp
Part # EL2276
Download  EL2276 Download
File Size   870.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 70MHz/1mA Current Mode Feedback Amp w/Disable

EL2276 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2276 Datasheet PDF - Renesas Technology Corp

Part # EL2276
Download  EL2276 Click to download

File Size   870.3 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 70MHz/1mA Current Mode Feedback Amp w/Disable

EL2276 Datasheet (HTML) - Renesas Technology Corp


EL2276 Product details

The EL2276 is a dual current-feedback operational amplifier which achieves a -3dB bandwidth of 70MHz at a gain of +1 while consuming only 1mA of supply current per amplifier. It will operate with dual supplies ranging from ±1.5V to ±6V, or from single supplies ranging from +3V to +12V.

Features
• Dual topology
• 1mA supply current (per amplifier)
• 70MHz -3dB bandwidth
• Low cost
• Fast disable
• Powers down to 0mA
• Single- and dual-supply operation down to ±1.5V
• 0.15%/0.15° diff. gain/diff. phase into 150
• 800V/µs slew rate
• Large output drive current: 55mA
• Pb-Free available (RoHS compliant)

Applications
• Low power/battery applications
• HDSL amplifiers
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment amplifiers
• Current to voltage converters




Similar Part No. - EL2276

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2276 INTERSIL-EL2276 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
logo
Elantec Semiconductor
EL2276CN ELANTEC-EL2276CN Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
logo
Intersil Corporation
EL2276CN INTERSIL-EL2276CN Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
logo
Elantec Semiconductor
EL2276CS ELANTEC-EL2276CS Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
More results


Similar Description - EL2276

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2176C ELANTEC-EL2176C Datasheet
359Kb / 20P
70 MHz/1 mA Current Mode Feedback Amp w/Disable
EL2186C ELANTEC-EL2186C Datasheet
534Kb / 19P
250MHz/3mA Current Mode Feedback Amp w/Disable
EL2386C ELANTEC-EL2386C Datasheet
337Kb / 16P
250 MHz Triple Current Feedback Amp w/Disable
logo
Intersil Corporation
EL2186 INTERSIL-EL2186 Datasheet
343Kb / 14P
250MHz/3mA Current Mode Feedback Amp w/Disable
September 26, 2001
EL2176 INTERSIL-EL2176 Datasheet
316Kb / 14P
70MHz/1mA Current Mode Feedback Amp W/Disable
December 1995
EL2270 INTERSIL-EL2270 Datasheet
333Kb / 12P
70MHz/1mA Current Mode Feedback Amplifiers
July 13, 2004
EL2470 INTERSIL-EL2470 Datasheet
344Kb / 14P
70MHz/1mA Current Mode Feedback Amplifiers
November 13, 2002
EL2166 INTERSIL-EL2166 Datasheet
377Kb / 15P
110MHz Current Feedback Amplifier with Disable
EL2276 INTERSIL-EL2276 Datasheet
328Kb / 14P
70MHz/1mA Current Mode Feedback Amp w/Disable
May 6, 2005
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com