Electronic Components Datasheet Search
  English  ▼

X  

CDP68HC68T1M Datasheet (PDF) - Renesas Technology Corp

CDP68HC68T1M Datasheet PDF - Renesas Technology Corp
Part # CDP68HC68T1M
Download  CDP68HC68T1M Download
File Size   1078.61 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Serial Real-Time Clock With RAM and Power Sense/Control

CDP68HC68T1M Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP68HC68T1M Datasheet PDF - Renesas Technology Corp

Part # CDP68HC68T1M
Download  CDP68HC68T1M Click to download

File Size   1078.61 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Serial Real-Time Clock With RAM and Power Sense/Control

CDP68HC68T1M Datasheet (HTML) - Renesas Technology Corp


CDP68HC68T1M Product details

The CDP68HC68T1 Real-Time Clock provides a time/calendar function, a 32 byte static RAM, and a 3 wire Serial Peripheral Interface (SPI Bus). The primary function of the clock is to divide down a frequency input that can be supplied by the on-board oscillator in conjunction with an external crystal or by an external clock source.

Features
• SPI (Serial Peripheral Interface)
• Full Clock Features
   - Seconds, Minutes, Hours (12/24, AM/PM), Day of
      Week, Date, Month, Year (0 to 99), Automatic Leap Year
• 32 Wordx8-Bit RAM
• Seconds, Minutes, Hours Alarm
• Automatic Power Loss Detection
• Low Minimum Standby (Timekeeping) Voltage . . . . . 2.2V
• Selectable Crystal or 50/60Hz Line Input
• Buffered Clock Output
• Battery Input Pin that Powers Oscillator and also
   Connects to VDD Pin When Power Fails
• Three Independent Interrupt Modes
   - Alarm
   - Periodic
   - Power-Down Sense
• Pb-Free Available (RoHS Compliant)




Similar Part No. - CDP68HC68T1M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP68HC68T1M INTERSIL-CDP68HC68T1M Datasheet
139Kb / 24P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
CDP68HC68T1M INTERSIL-CDP68HC68T1M Datasheet
474Kb / 24P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
March 17, 2006
CDP68HC68T1M INTERSIL-CDP68HC68T1M Datasheet
400Kb / 23P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
October 29, 2007
CDP68HC68T1M2 INTERSIL-CDP68HC68T1M2 Datasheet
139Kb / 24P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
CDP68HC68T1M2 INTERSIL-CDP68HC68T1M2 Datasheet
474Kb / 24P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
March 17, 2006
More results


Similar Description - CDP68HC68T1M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC68T1 MOTOROLA-MC68HC68T1 Datasheet
342Kb / 26P
Real-Time Clock plus RAM with Serial Interface
logo
RICOH electronics devic...
RP5C01A RICOH-RP5C01A Datasheet
124Kb / 10P
REAL-TIME CLOCK WITH INTERNAL RAM
logo
Dallas Semiconductor
DS1337 DALLAS-DS1337 Datasheet
364Kb / 13P
Serial Real-Time Clock
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1 Datasheet
139Kb / 24P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
August 1997
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285 Datasheet
303Kb / 25P
Real Time Clock with NV RAM Control
logo
Intersil Corporation
CDP68HC68T1 INTERSIL-CDP68HC68T1_06 Datasheet
474Kb / 24P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
March 17, 2006
CDP68HC68T1 INTERSIL-CDP68HC68T1_07 Datasheet
400Kb / 23P
CMOS Serial Real-Time Clock With RAM and Power Sense/Control
October 29, 2007
logo
Dallas Semiconductor
DS14285 DALLAS-DS14285_05 Datasheet
481Kb / 26P
Real-Time Clock with NV RAM
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com