Electronic Components Datasheet Search
  English  ▼

X  

ISL26104 Datasheet (PDF) - Renesas Technology Corp

ISL26104 Datasheet PDF - Renesas Technology Corp
Part # ISL26104
Download  ISL26104 Download
File Size   1221.33 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Noise 24-bit Delta Sigma ADC

ISL26104 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL26104 Datasheet PDF - Renesas Technology Corp

Part # ISL26104
Download  ISL26104 Click to download

File Size   1221.33 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Noise 24-bit Delta Sigma ADC

ISL26104 Datasheet (HTML) - Renesas Technology Corp


ISL26104 Product details

Low-Noise 24-bit Delta Sigma ADC

The ISL26102 and ISL26104 provide a low-noise programmable gain amplifier along with a 24-bit Delta-Sigma Analog-to-Digital Converter with two channel (ISL26102) or four channel (ISL26104) differential, multiplexed inputs. The devices feature exceptional noise performance for conversion rates ranging from 2.5Sps to 4kSps.
The on-chip low-noise programmable-gain amplifier provides gains ranging from 1 to 128, which supports ±19.5mVFS from a 5V reference. The high input impedance allows direct connection of sensors such as load cell bridges to ensure the specified measurement accuracy without additional circuitry.

Features
• Programmable gain amplifier with gains of 1 to 128
• Low noise: 7nV/√Hz @ PGA = 128
• Linearity error: 0.0002% FS
• Output word rates up to 4kSps
• Low-side switch for load cell power management
• +5V analog and +2.7V to +5V digital supplies
• ISL26102 in 24 Ld TSSOP
• ISL26104 in 28 Ld TSSOP
• ESD 7.5kV - HBM

Applications
• Weigh scales
• Temperature monitors and controls
• Load safety systems
• Industrial process control
• Pressure sensors




Similar Part No. - ISL26104

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL26104 INTERSIL-ISL26104 Datasheet
4Mb / 20P
Intersil?셲 Solutions for Industrial Process Control
ISL26104 INTERSIL-ISL26104 Datasheet
911Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
ISL26104AV28EV1Z INTERSIL-ISL26104AV28EV1Z Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
ISL26104AVZ INTERSIL-ISL26104AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
More results


Similar Description - ISL26104

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7731 AD-AD7731 Datasheet
411Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV.0
logo
Intersil Corporation
ISL26132 INTERSIL-ISL26132 Datasheet
975Kb / 23P
Low-Noise 24-bit Delta Sigma ADC
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Analog Devices
AD7731BRUZ AD-AD7731BRUZ Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
AD7731 AD-AD7731_15 Datasheet
1,008Kb / 44P
Low Noise, High Throughput 24-Bit Sigma-Delta ADC
REV. A
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
ISL26132AVZ INTERSIL-ISL26132AVZ Datasheet
739Kb / 23P
Low-Noise 24-bit Delta Sigma ADC
November 20, 2014
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
Low-Noise 24-bit Delta Sigma ADC
logo
Core Technology (Shenzh...
CS1242 CHIPSEA-CS1242 Datasheet
709Kb / 29P
24-bit Sigma-Delta ADC
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com