Electronic Components Datasheet Search
  English  ▼

X  

ISL6566AIR Datasheet (PDF) - Renesas Technology Corp

ISL6566AIR Datasheet PDF - Renesas Technology Corp
Part # ISL6566AIR
Download  ISL6566AIR Download
File Size   1357.73 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal

ISL6566AIR Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6566AIR Datasheet PDF - Renesas Technology Corp

Part # ISL6566AIR
Download  ISL6566AIR Click to download

File Size   1357.73 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal

ISL6566AIR Datasheet (HTML) - Renesas Technology Corp


ISL6566AIR Product details

Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal

The ISL6566A three-phase PWM control IC provides a precision voltage regulation system for advanced microprocessors. The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multiphase product families. By reducing the number of external parts, this integration is optimized for a cost and space saving power management solution.

Features
• Integrated Multi-Phase Power Conversion
    - 1 or 2-Phase Operation with Internal Drivers
    - 3-Phase Operation with External PWM Driver Signal
• Precision Core Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.5% System Accuracy Over Temperature
    - Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
    - Uses Loss-Less rDS(ON) Current Sampling
• Accurate Load Line Programming
    - Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate Drive Bias: 5V to 12V
• Microprocessor Voltage Identification Inputs
    - Up to a 6-Bit DAC
    - Selectable between Intel’s VRM9, VRM10, or AMD Hammer DAC codes
    - Dynamic VID-on-the-fly Technology
• Multi-tiered Overvoltage and Overcurrent Protection
• Digital Soft-Start
• Selectable Operation Frequency up to 1.5MHz Per Phase
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6566AIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566AIR INTERSIL-ISL6566AIR Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
ISL6566AIR-T INTERSIL-ISL6566AIR-T Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
ISL6566AIRZ INTERSIL-ISL6566AIRZ Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
ISL6566AIRZ-T INTERSIL-ISL6566AIRZ-T Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
ISL6566AIRZA INTERSIL-ISL6566AIRZA Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
More results


Similar Description - ISL6566AIR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6566A INTERSIL-ISL6566A Datasheet
784Kb / 28P
Three-Phase Buck PWM Controller with Two Integrated MOSFET Drivers and One External Driver Signal
July 27, 2005
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
February 10, 2006
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
July 28, 2008
logo
Anpec Electronics Corop...
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com