Electronic Components Datasheet Search
  English  ▼

X  

NTE5643 Datasheet (PDF) - NTE Electronics

NTE5643 Datasheet PDF - NTE Electronics
Part # NTE5643
Download  NTE5643 Download
File Size   20.68 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC, 2.5A

NTE5643 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5643 Datasheet PDF - NTE Electronics

Part # NTE5643
Download  NTE5643 Click to download

File Size   20.68 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description TRIAC, 2.5A

NTE5643 Datasheet (HTML) - NTE Electronics


NTE5643 Product details

TRIAC, 2.5A




Similar Part No. - NTE5643

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5645 NTE-NTE5645 Datasheet
19Kb / 2P
TRIAC - 10A Isolated Tab
NTE5646 NTE-NTE5646 Datasheet
18Kb / 2P
TRIAC - Internally Triggered
More results


Similar Description - NTE5643

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5650 NTE-NTE5650 Datasheet
20Kb / 2P
TRIAC - 100VRM, 2.5A
logo
Sanyo Semicon Device
SB25W05T SANYO-SB25W05T Datasheet
84Kb / 3P
50V, 2.5A Rectifier
logo
Leshan Radio Company
RL251 LRC-RL251 Datasheet
50Kb / 2P
2.5A GENERAL DIODES
logo
Rohm
RTR025P02 ROHM-RTR025P02 Datasheet
104Kb / 5P
Switching (-20V, -2.5A)
RSR025N03 ROHM-RSR025N03 Datasheet
81Kb / 4P
Switching (30V, 2.5A)
logo
Global Mixed-mode Techn...
G5640 GMT-G5640 Datasheet
637Kb / 1P
2.5A Buck Converter
logo
Advanced Power Electron...
APE8977MP A-POWER-APE8977MP_14 Datasheet
148Kb / 7P
2.5A LINEAR REGULATOR
logo
Zibo Seno Electronic En...
RL251 ZSELEC-RL251 Datasheet
112Kb / 2P
2.5A SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
UESI1101 NJSEMI-UESI1101 Datasheet
82Kb / 1P
High Efficiency, 2.5A
logo
Shenzhen Huazhimei Semi...
HM2490 HMSEMI-HM2490 Datasheet
895Kb / 9P
2.5A CC or CV BUCK 2.5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com