Electronic Components Datasheet Search
  English  ▼

X  

ISL9001 Datasheet (PDF) - Renesas Technology Corp

ISL9001 Datasheet PDF - Renesas Technology Corp
Part # ISL9001
Download  ISL9001 Download
File Size   600.49 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LDO with Low ISUPPLY, High PSRR

ISL9001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9001 Datasheet PDF - Renesas Technology Corp

Part # ISL9001
Download  ISL9001 Click to download

File Size   600.49 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LDO with Low ISUPPLY, High PSRR

ISL9001 Datasheet (HTML) - Renesas Technology Corp


ISL9001 Product details

LDO with Low ISUPPLY, High PSRR

ISL9001 is a high performance Low Dropout linear regulator capable of sourcing 300mA current. It has a low standby current and high-PSRR and is stable with an output capacitance of 1µF to 10µF with an ESR of up to 200mΩ.
The ISL9001 has a very high PSRR of 90dB and outputs noise less than 30µVRMS. A reference bypass pin allows connection of a noise-filtering capacitor for low-noise and high-PSRR applications. When coupled with a no load quiescent current of 25µA (typical), and 0.1µA shutdown current, the ISL9001 is an ideal choice for portable wireless equipment.
The ISL9001 provides a power-good signal with delay time programmable with an external capacitor.

Features
• 300mA high performance LDO
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across full range of load current
• High PSRR: 90dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Extremely low quiescent current: 25µA
• Low dropout voltage: typically 200mV @ 300mA
• Low output noise: typically 30µVRMS @ 100µA (1.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• Delayed POR, programmable with external capacitor
• ±1.8% accuracy over all operating conditions
• Tiny 2mmx3mm 8 Ld DFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices, including medical handhelds




Similar Part No. - ISL9001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 28, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
LDO with Low ISUPPLY, High PSRR
logo
Intersil Corporation
ISL9001A INTERSIL-ISL9001A Datasheet
256Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
More results


Similar Description - ISL9001

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 28, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
LDO with Low ISUPPLY, High PSRR
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005AIRNZ-T INTERSIL-ISL9005AIRNZ-T Datasheet
246Kb / 9P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
Low Noise LDO with Low IQ, High PSRR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com