Electronic Components Datasheet Search
  English  ▼

X  

ISL6842IBZ Datasheet (PDF) - Renesas Technology Corp

ISL6842IBZ Datasheet PDF - Renesas Technology Corp
Part # ISL6842IBZ
Download  ISL6842IBZ Download
File Size   683.04 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Improved Industry Standard Single-Ended Current Mode PWM Controller

ISL6842IBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6842IBZ Datasheet PDF - Renesas Technology Corp

Part # ISL6842IBZ
Download  ISL6842IBZ Click to download

File Size   683.04 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Improved Industry Standard Single-Ended Current Mode PWM Controller

ISL6842IBZ Datasheet (HTML) - Renesas Technology Corp


ISL6842IBZ Product details

The ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845 family of adjustable frequency, low power, pulse width modulating (PWM) current mode controllers is designed for a wide range of power conversion applications including boost, flyback, and isolated output configurations. Peak current mode control effectively handles power transients and provides inherent overcurrent protection. This advanced BiCMOS design is pin compatible with the industry standard 384x family of controllers and offers significantly improved performance. Features include low operating current, 60µA start-up current, adjustable operating frequency to 2MHz, and high peak current drive capability with 20ns rise and fall times.

Features
• 1A MOSFET Gate Driver
• 60µA Start-up Current, 100µA Maximum
• 25ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency to 2MHz
• 20ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for Accurate Deadtime/Maximum Duty Cycle Control
• High Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load, and Temperature
• Tight Tolerance Current Limit Threshold
• Pb-Free Available (RoHS Compliant)

Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• PC Power Supplies
• Isolated Buck and Flyback Regulators
• Boost Regulators

Package 8 LD SOIC, MSOP
Package 8 LD DFN




Similar Part No. - ISL6842IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6842IBZ INTERSIL-ISL6842IBZ Datasheet
278Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
April 16, 2007
ISL6842IBZ INTERSIL-ISL6842IBZ Datasheet
287Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 7, 2008
ISL6842IBZ INTERSIL-ISL6842IBZ Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended
February 23, 2012
ISL6842IBZ INTERSIL-ISL6842IBZ Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6842IBZ INTERSIL-ISL6842IBZ Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
More results


Similar Description - ISL6842IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
Improved Industry Standard Single Ended Current Mode PWM Controller
October 2003
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
April 16, 2007
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 7, 2008
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
Improved Industry Standard Single-Ended Current Mode PWM Controller
August 16, 2010
ISL6843IUZ-T INTERSIL-ISL6843IUZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
Improved Industry Standard Single-Ended Current Mode PWM Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com