Electronic Components Datasheet Search
  English  ▼

X  

ISL2110ABZ Datasheet (PDF) - Renesas Technology Corp

ISL2110ABZ Datasheet PDF - Renesas Technology Corp
Part # ISL2110ABZ
Download  ISL2110ABZ Download
File Size   768.97 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

ISL2110ABZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL2110ABZ Datasheet PDF - Renesas Technology Corp

Part # ISL2110ABZ
Download  ISL2110ABZ Click to download

File Size   768.97 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

ISL2110ABZ Datasheet (HTML) - Renesas Technology Corp


ISL2110ABZ Product details

100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

The ISL2110, ISL2111 are 100V, high frequency, half-bridge N-Channel power MOSFET driver ICs. They are based on the popular HIP2100, HIP2101 half-bridge drivers, but offer several performance improvements. Peak output pull-up/pull-down current has been increased to 3A/4A, which significantly reduces switching power losses and eliminates the need for external totem-pole buffers in many applications. Also, the low end of the VDD operational supply range has been extended to 8VDC. The ISL2110 has additional input hysteresis for superior operation in noisy environments and the inputs of the ISL2111, like those of the ISL2110, can now safely swing to the VDD supply rail.

Features
• Drives N-Channel MOSFET half-bridge
• SOIC, DFN, and TDFN package options
• SOIC, DFN, and TDFN packages compliant with 100V conductor spacing guidelines per IPC-2221
• Pb-free (RoHS compliant)
• Bootstrap supply max voltage to 114VDC
• On-chip 1W bootstrap diode
• Fast propagation times for multi-MHz circuits
• Drives 1nF load with typical rise/fall times of 9ns/7.5ns
• CMOS compatible input thresholds (ISL2110)
• 3.3V/TTL compatible input thresholds (ISL2111)
• Independent inputs provide flexibility
• No start-up problems
• Outputs unaffected by supply glitches, HS ringing below ground or HS slewing at high dv/dt
• Low power consumption
• Wide supply voltage range (8V to 14V)
• Supply undervoltage protection
• 1.6W/1W typical output pull-up/pull-down resistance

Applications
• Telecom half-bridge DC/DC converters
• Telecom full-bridge DC/DC converters
• Two-switch forward converters
• Active-clamp forward converters
• Class-D audio amplifiers




Similar Part No. - ISL2110ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
More results


Similar Description - ISL2110ABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com