Electronic Components Datasheet Search
  English  ▼

X  

ICL7662IPA Datasheet (PDF) - Renesas Technology Corp

ICL7662IPA Datasheet PDF - Renesas Technology Corp
Part # ICL7662IPA
Download  ICL7662IPA Download
File Size   533.95 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Voltage Converter

ICL7662IPA Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7662IPA Datasheet PDF - Renesas Technology Corp

Part # ICL7662IPA
Download  ICL7662IPA Click to download

File Size   533.95 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Voltage Converter

ICL7662IPA Datasheet (HTML) - Renesas Technology Corp


ICL7662IPA Product details

The Intersil ICL7662 is a monolithic high-voltage CMOS power supply circuit which offers unique performance advantages over previously available devices. The ICL7662 performs supply voltage conversion from positive to negative for an input range of +4.5V to +20.0V, resulting in complementary output voltages of -4.5V to -20V. Only 2 noncritical external capacitors are needed for the charge pump and charge reservoir functions. The ICL7662 can also function as a voltage doubler, and will generate output voltages up to +38.6V with a +20V input.

Features
• No External Diode Needed Over Entire Temperature
   Range
• Pin Compatible With ICL7660
• Simple Conversion of +15V Supply to -15V Supply
• Simple Voltage Multiplication (VOUT = (-)nVIN)
• 99.9% Typical Open Circuit Voltage Conversion
   Efficiency
• 96% Typical Power Efficiency
• Wide Operating Voltage Range 4.5V to 20.0V
• Easy to Use - Requires Only 2 External Non-Critical
   Passive Components
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• On Board Negative Supply for Dynamic RAMs
• Localized Processor (8080 Type) Negative Supplies
• Inexpensive Negative Supplies
• Data Acquisition Systems
• Up to -20V for Op Amps




Similar Part No. - ICL7662IPA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7662IPA INTERSIL-ICL7662IPA Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
More results


Similar Description - ICL7662IPA

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
275Kb / 12P
12V CMOS Voltage Converter
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
100mA CMOS Voltage Converter
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
CMOS VOLTAGE CONVERTER
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
CMOS Voltage Converter
January 9, 2006
logo
Linear Technology
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
100mA CMOS Voltage Converter
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
12V CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
CMOS VOLTAGE CONVERTER
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
CMOS Voltage Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com