Electronic Components Datasheet Search
  English  ▼

X  

MK20DX32VMP5 Datasheet (PDF) - NXP Semiconductors

MK20DX32VMP5 Datasheet PDF - NXP Semiconductors
Part # MK20DX32VMP5
Download  MK20DX32VMP5 Download
File Size   2090.33 Kbytes
Page   62 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description K20 Sub-Family

MK20DX32VMP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK20DX32VMP5 Datasheet PDF - NXP Semiconductors

Part # MK20DX32VMP5
Download  MK20DX32VMP5 Click to download

File Size   2090.33 Kbytes
Page   62 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description K20 Sub-Family

MK20DX32VMP5 Datasheet (HTML) - NXP Semiconductors


MK20DX32VMP5 Product details

Features
• Operating Characteristics
    – Voltage range: 1.71 to 3.6 V
    – Flash write voltage range: 1.71 to 3.6 V
    – Temperature range (ambient): -40 to 105°C
• Performance
    – Up to 50 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
• Memories and memory interfaces
    – Up to 128 KB program flash.
    – Up to 32 KB FlexNVM on FlexMemory devices
    – 2 KB FlexRAM on FlexMemory devices
    – Up to 16 KB RAM
    – Serial programming interface (EzPort)
• Clocks
    – 3 to 32 MHz crystal oscillator
    – 32 kHz crystal oscillator
    – Multi-purpose clock generator
• System peripherals
    – Multiple low-power modes to provide power optimization based on application requirements
    – 4-channel DMA controller, supporting up to 41 request sources
    – External watchdog monitor
    – Software watchdog
    – Low-leakage wakeup unit
• Security and integrity modules
    – Hardware CRC module to support fast cyclic redundancy checks
    – 128-bit unique identification (ID) number per chip
• Analog modules
    – 16-bit SAR ADC
    – Two analog comparators (CMP) containing a 6-bit DAC and programmable reference input
    – Voltage reference
• Timers
    – Programmable delay block
    – Eight-channel motor control/general purpose/PWM timer
    – Two-channel quadrature decoder/general purpose timer
    – Periodic interrupt timers
    – 16-bit low-power timer
    – Carrier modulator transmitter
    – Real-time clock
• Communication interfaces
    – USB full-/low-speed On-the-Go controller with onchip transceiver
    – SPI module
    – I2C module
    – Three UART modules
    – I2S module




Similar Part No. - MK20DX32VMP5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK20DX32VMP5 FREESCALE-MK20DX32VMP5 Datasheet
1Mb / 62P
K20 Sub-Family
More results


Similar Description - MK20DX32VMP5

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
K20P48M50SF0 FREESCALE-K20P48M50SF0 Datasheet
1Mb / 60P
K20 Sub-Family
K20P64M50SF0 FREESCALE-K20P64M50SF0 Datasheet
1Mb / 62P
K20 Sub-Family
K20P81M100SF2V2 FREESCALE-K20P81M100SF2V2 Datasheet
1Mb / 71P
K20 Sub-Family
K20P144M120SF3_1210 FREESCALE-K20P144M120SF3_1210 Datasheet
1Mb / 86P
K20 Sub-Family
logo
NXP Semiconductors
K20P81M72SF1 NXP-K20P81M72SF1 Datasheet
2Mb / 71P
K20 Sub-Family
Rev. 3, 11/2012
K20P100M72SF1 NXP-K20P100M72SF1 Datasheet
2Mb / 73P
K20 Sub-Family
Rev. 3, 11/2012
K20P121M100SF2 NXP-K20P121M100SF2 Datasheet
2Mb / 75P
K20 Sub-Family
Rev. 7, 02/2013
K20P121M100SF2V2 NXP-K20P121M100SF2V2 Datasheet
1Mb / 80P
K20 Sub-Family
Rev. 3, 6/2013
K20P144M100SF2V2 NXP-K20P144M100SF2V2 Datasheet
1Mb / 82P
K20 Sub-Family
Rev. 3, 6/2013
K20P144M120SF3 NXP-K20P144M120SF3 Datasheet
1Mb / 83P
K20 Sub-Family
Rev. 7, 02/2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com