Electronic Components Datasheet Search
  English  ▼

X  

NX5304 Datasheet (PDF) - NEC

NX5304 Datasheet PDF - NEC
Part # NX5304
Download  NX5304 Download
File Size   165.24 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE

NX5304 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX5304 Datasheet PDF - NEC

Part # NX5304
Download  NX5304 Click to download

File Size   165.24 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE

NX5304 Datasheet (HTML) - NEC


NX5304 Product details

DESCRIPTION
NECs NX5304 Series is a 1 310 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diodes with InGaAs monitor PIN-PD. These devices are designed for 156 Mb/s: STM-1 (I-1, S-1.1, L-1.1), 622 Mb/s: STM-4 (I-4, S-4.1) application and ideal for Synchronous Digital Hierarchy (SDH) system.

FEATURES
• OPTICAL OUTPUT POWER
   PO = 5.0 mW
• LOW THRESHOLD CURRENT
   Ith = 10 mA
• HIGH SPEED
   tr = 0.3 ns MAX
   tf = 0.3 ns MAX
• WIDE OPERATING TEMPERATURE RANGE
   TC = -40 to +85°C
• InGaAs MONITOR PIN-PD
• CAN PACKAGE
   Ø5.6 mm
• FIBER COUPLING POINT
   5.8 mm
• BASED ON TELCORDIA RELIABILITY




Similar Part No. - NX5304

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX5304 RENESAS-NX5304 Datasheet
277Kb / 13P
LASER DIODE
2003
logo
California Eastern Labs
NX5304EH CEL-NX5304EH Datasheet
167Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX5304EH RENESAS-NX5304EH Datasheet
277Kb / 13P
LASER DIODE
2003
logo
California Eastern Labs
NX5304EK CEL-NX5304EK Datasheet
167Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
More results


Similar Description - NX5304

ManufacturerPart #DatasheetDescription
logo
NEC
NX5306 NEC-NX5306 Datasheet
230Kb / 7P
NEC 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX8304BE CEL-NX8304BE Datasheet
106Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8303BG CEL-NX8303BG Datasheet
99Kb / 4P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX8300BE CEL-NX8300BE Datasheet
126Kb / 5P
NECs 1310 nm InGaAsP MQW-DFB LASER DIODE
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX5302SE CEL-NX5302SE Datasheet
128Kb / 4P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5306 CEL-NX5306 Datasheet
231Kb / 7P
NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com