Electronic Components Datasheet Search
  English  ▼

X  

NTE553 Datasheet (PDF) - NTE Electronics

NTE553 Datasheet PDF - NTE Electronics
Part # NTE553
Download  NTE553 Download
File Size   17.07 Kbytes
Page   1 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Schottky Barrier Diode

NTE553 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE553 Datasheet PDF - NTE Electronics

Part # NTE553
Download  NTE553 Click to download

File Size   17.07 Kbytes
Page   1 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Schottky Barrier Diode

NTE553 Datasheet (HTML) - NTE Electronics


NTE553 Product details

Description:

The NTE553 is a silicon schottky barrier diode in a DO35 style package for use in UHF and VHF switching applications.



Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)

Reverse Voltage, VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –35V

Forward Current, IF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA

Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mW

Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –20° to + 60°C

Storage Temperature range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –45° to + 125°C



 




Similar Part No. - NTE553

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5531 NTE-NTE5531 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR), 25A
NTE5531 NTE-NTE5531 Datasheet
57Kb / 2P
Silicon Controlled Rectifier (SCR) 25 Amp, TO48
NTE5536 NTE-NTE5536 Datasheet
20Kb / 2P
Silicon Controlled Rectifier (SCR)
NTE5538 NTE-NTE5538 Datasheet
23Kb / 2P
Silicon Controlled Rectifier (SCR) 800VDRM, 50A
NTE5539 NTE-NTE5539 Datasheet
19Kb / 2P
Silicon Controlled Rectifier (SCR) 55 Amps
More results


Similar Description - NTE553

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com