Electronic Components Datasheet Search
  English  ▼

X  

NTE5446 Datasheet (PDF) - NTE Electronics

NTE5446 Datasheet PDF - NTE Electronics
Part # NTE5446
Download  NTE5446 Download
File Size   22.08 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Controlled Rectifier (SCR) 8 Amp

NTE5446 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE5446 Datasheet PDF - NTE Electronics

Part # NTE5446
Download  NTE5446 Click to download

File Size   22.08 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Controlled Rectifier (SCR) 8 Amp

NTE5446 Datasheet (HTML) - NTE Electronics


NTE5446 Product details

Description:

The NTE5442 thru NTE5448 are silicon controlled rectifiers (SCR’s) in a TO127 type package designed for high–volume consumer phase–control applications such as motor speed, temperature, and light controls, and for fast switching applications in ignition and starting systems, voltage regula tors, vending machines, and lamp drivers.



Features:

• Small, Rugged Construction

• Practical Level Triggering and Holding Characteristics @ +25°C:

      IGT = 7mA Typ

      IHold = 6mA Typ

• Low “ON” Voltage: VTM = 1V Typ @ 5A @ +25°C

• High Surge Current Rating: ITSM = 80A



 




Similar Part No. - NTE5446

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5440 NTE-NTE5440 Datasheet
22Kb / 3P
Silicon Controlled Rectifier (SCR) 800V, 10A, Isolated Tab
More results


Similar Description - NTE5446

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5368 NTE-NTE5368 Datasheet
19Kb / 2P
Silicon Controlled Rectifier (SCR) 125 Amp
NTE5427 NTE-NTE5427 Datasheet
18Kb / 2P
Silicon Controlled Rectifier (SCR) 7 Amp
NTE5437 NTE-NTE5437 Datasheet
20Kb / 2P
Silicon Controlled Rectifier (SCR) 8 Amp
NTE5461 NTE-NTE5461 Datasheet
20Kb / 2P
Silicon Controlled Rectifier (SCR) 10 Amp
NTE5470 NTE-NTE5470 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) 5 Amp
NTE5480 NTE-NTE5480 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 8 Amp
NTE5491 NTE-NTE5491 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) 10 Amp
NTE5498 NTE-NTE5498 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 12 Amp
NTE5511 NTE-NTE5511 Datasheet
22Kb / 2P
Silicon Controlled Rectifier (SCR) 5 Amp
NTE5590 NTE-NTE5590 Datasheet
21Kb / 2P
Silicon Controlled Rectifier (SCR) 470 Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com