Electronic Components Datasheet Search
  English  ▼

X  

GMS82516Q Datasheet (PDF) - Hynix Semiconductor

GMS82516Q Datasheet PDF - Hynix Semiconductor
Part # GMS82516Q
Download  GMS82516Q Download
File Size   1980.98 Kbytes
Page   110 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS82516Q Datasheet (PDF)

Go To PDF Page Download Datasheet
GMS82516Q Datasheet PDF - Hynix Semiconductor

Part # GMS82516Q
Download  GMS82516Q Click to download

File Size   1980.98 Kbytes
Page   110 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 8-BIT SINGLE-CHIP MICROCONTROLLERS

GMS82516Q Datasheet (HTML) - Hynix Semiconductor


GMS82516Q Product details

Description
The GMS81508B/16B/24B are advanced CMOS 8-bit microcontrollers with 8K/16K/24K bytes of ROM and 64pin package. And the GMS82512/16/24 are the same except for 12K/16K/24K bytes of ROM and 42pin package. The GMS825xx is a cut-down product of GMS815xxB microcontroller, that is, the function and package are reduced. These are powerful microcontrollers which provide a highly flexible and cost effective solution to many general application. These includes several peripheral functions such as Timer, A/D converter, Programmable buzzer driver, Serial I/O communication(GMS815xxB only), Pulse Width Modulation function( GMS815xxB only), etc. The RAM, ROM, and I/O are placed on the same memory map in addition to simple instruction set. Also, they support power saving mode to reduce power consumption.

Features
• 8K/16K/24K Bytes On-chip Program ROM (12K/16K/24K Bytes in GMS825xx)
• 448 Bytes of On-chip Data RAM (Included stack memory)
• Minimum Instruction Execution Time 0.5µs at 8MHz
• One 8-bit Basic Interval Timer
• Four 8-bit Timer/Event counter or Two 16-bit Timer/Event counter
• One 6-bit Watchdog timer
• Eight channel 8-bit A/D converter (Four channel in GMS825xx)
• Two channel 8-bit PWM (Not support in GMS825xx)
• One 8-bit Serial Communication Interface (Not support in GMS825xx)
• Four External Interrupt input ports
• Buzzer Driving port
    - 500Hz ~ 250kHz@8MHz
• 52 I/O Ports, 4 Input Ports (35 I/O ports in GMS825xx)
• Twelve Interrupt sources
    - Basic Interval Timer: 1
    - External input: 4
    - Timer/Event counter: 4
    - ADC: 1
    - Serial Interface: 1(Not support in GMS825xx)
    - WDT: 1
• Built in Noise Immunity Circuit




Similar Part No. - GMS82516Q

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS82516Q HYNIX-GMS82516Q Datasheet
1Mb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Similar Description - GMS82516Q

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com