Electronic Components Datasheet Search
  English  ▼

X  

HCPL-6651 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-6651 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-6651
Download  HCPL-6651 Download
File Size   259.54 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers

HCPL-6651 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-6651 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-6651
Download  HCPL-6651 Click to download

File Size   259.54 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers

HCPL-6651 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-6651 Product details

Description

These units are single, dual and quad channel, hermetically sealed optocouplers. The products are

capable of operation and storage over the full military temperature range and can be purchased as either standard product or with full MIL-PRF-38534 Class Level H or K testing or from the appropriate DSCC Drawing. All devices are manufactured and tested on a MIL-PRF-38534 certified line and are included in the DSCC Qualified Manufacturers List QML-38534 for Hybrid  icrocircuits.

Quad channel devices are available by special order in the 16 pin DIP through hole packages.



Features

• Dual Marked with Device Part Number and DSCC Drawing Number

• Manufactured and Tested on a MIL-PRF-38534 Certified Line

• QML-38534, Class H and K

• Five Hermetically Sealed Package Configurations

• Performance Guaranteed over -55°C to +125°C

• High Speed: 10 M Bit/s

• CMR: > 10,000 V/µs Typical

• 1500 Vdc Withstand Test Voltage

• 2500 Vdc Withstand Test Voltage for HCPL-565X

• High Radiation Immunity

• 6N137, HCPL-2601, HCPL-2630/-31 Function Compatibility

• Reliability Data

• TTL Circuit Compatibility




Similar Part No. - HCPL-6651

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-66XX AVAGO-HCPL-66XX Datasheet
491Kb / 21P
High CMR, High Speed TTL Compatible Optocouplers
July 2, 2014
More results


Similar Description - HCPL-6651

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
ACPL-2672L AVAGO-ACPL-2672L Datasheet
147Kb / 11P
Hermetically Sealed, 3.3V High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com