Electronic Components Datasheet Search
  English  ▼

X  

CD74HCT423 Datasheet (PDF) - Harris Corporation

CD74HCT423 Datasheet PDF - Harris Corporation
Part # CD74HCT423
Download  CD74HCT423 Download
File Size   33.51 Kbytes
Page   7 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets

CD74HCT423 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HCT423 Datasheet PDF - Harris Corporation

Part # CD74HCT423
Download  CD74HCT423 Click to download

File Size   33.51 Kbytes
Page   7 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets

CD74HCT423 Datasheet (HTML) - Harris Corporation


CD74HCT423 Product details

Description

The Harris CD74HC123, CD74HCT123, CD74HC423 and CD74HCT423 are dual monostable multivibrators with resets. They are all retriggerable and differ only in that the 123 types can be triggered by a negative to positive reset pulse; whereas the 423 types do not have this feature. An external resistor (RX) and an external capacitor (CX) control the timing and the accuracy for the circuit. Adjustment of Rx and CX provides a wide range of output pulse widths from the Q and Q terminals. Pulse triggering on the A and B inputs occur at a particular voltage level and is not related to the rise and fall times of the trigger pulses.



Features

• Overriding Reset Terminates Output Pulse

• Triggering From the Leading or Trailing Edge

• Q and Q Buffered Outputs

• Separate Resets

• Wide Range of Output-Pulse Widths

• Schmitt Trigger on Both A and B Inputs

• Fanout (Over Temperature Range)

   - Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads

   - Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads

• Wide Operating Temperature Range . . . -55oC to 125oC

• Balanced Propagation Delay and Transition Times

• Significant Power Reduction Compared to LSTTL Logic ICs

• HC Types

   - 2V to 6V Operation

   - High Noise Immunity: NIL = 30%, NIH = 30%of VCC at VCC = 5V

• HCT Types

   - 4.5V to 5.5V Operation

   - Direct LSTTL Input Logic Compatibility, VIL= 0.8V (Max), VIH = 2V (Min)

   - CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH



 




Similar Part No. - CD74HCT423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT423 TI-CD74HCT423 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HCT423 TI-CD74HCT423 Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HCT423 TI-CD74HCT423 Datasheet
359Kb / 17P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HCT423 TI-CD74HCT423 Datasheet
511Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD74HCT423 TI-CD74HCT423 Datasheet
541Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
More results


Similar Description - CD74HCT423

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC123 TI-CD74HC123 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
CD54HC123 TI-CD54HC123 Datasheet
363Kb / 16P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_06 Datasheet
359Kb / 17P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
CD54HC123 TI-CD54HC123_07 Datasheet
511Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
SN54AHCT123A TI-SN54AHCT123A_07 Datasheet
726Kb / 24P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
CD54HC123 TI-CD54HC123_08 Datasheet
541Kb / 19P
High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com