Electronic Components Datasheet Search
  English  ▼

X  

BMT321 Datasheet (PDF) - BeRex Corporation

BMT321 Datasheet PDF - BeRex Corporation
Part # BMT321
Download  BMT321 Download
File Size   1851.07 Kbytes
Page   23 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier

BMT321 Datasheet (PDF)

Go To PDF Page Download Datasheet
BMT321 Datasheet PDF - BeRex Corporation

Part # BMT321
Download  BMT321 Click to download

File Size   1851.07 Kbytes
Page   23 Pages
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation
Description 0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier

BMT321 Datasheet (HTML) - BeRex Corporation




Similar Part No. - BMT321

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BMT321 BEREX-BMT321 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
More results


Similar Description - BMT321

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH323-G TRIQUINT-AH323-G_15 Datasheet
1Mb / 17P
2W High Linearity 5V 2-Stage Amplifier
logo
BeRex Corporation
BMT333 BEREX-BMT333 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT332 BEREX-BMT332 Datasheet
2Mb / 25P
700-2400 MHz 2W High Linearity 5V 2-Stage Power Amplifier
BT33L BEREX-BT33L Datasheet
2Mb / 19P
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
BMT321 BEREX-BMT321_16 Datasheet
2Mb / 23P
0.7-2.8 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_16 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BMT333 BEREX-BMT333_18 Datasheet
1Mb / 20P
1.8-2.7 GHz 2W High Linearity 5V 2-Stage Power Amplifier
BMT352 BEREX-BMT352_18 Datasheet
1Mb / 22P
3.0-4.0 GHz 1.5W High Linearity 5V 2-Stage Power Amplifier
BT33L BEREX-BT33L_18 Datasheet
2Mb / 19P
100-1000MHz 1.5W ~ 2.0W High Linearity 5V Power Amplifier
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com