Electronic Components Datasheet Search
  English  ▼

X  

IDT70V05L Datasheet (PDF) - Integrated Device Technology

IDT70V05L Datasheet PDF - Integrated Device Technology
Part # IDT70V05L
Download  IDT70V05L Download
File Size   172.48 Kbytes
Page   22 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM

IDT70V05L Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT70V05L Datasheet PDF - Integrated Device Technology

Part # IDT70V05L
Download  IDT70V05L Click to download

File Size   172.48 Kbytes
Page   22 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM

IDT70V05L Datasheet (HTML) - Integrated Device Technology


IDT70V05L Product details

Description
The IDT70V05 is a high-speed 8K x 8 Dual-Port Static RAM. The IDT70V05 is designed to be used as a stand-alone 64K-bit Dual-Port SRAM or as a combination MASTER/SLAVE Dual-Port SRAM for 16-bitor-more word systems.

Features
◆ True Dual-Ported memory cells which allow simultaneous
   reads of the same memory location
◆ High-speed access
   – Commercial: 15/20/25/35/55ns (max.)
   – Industrial: 20ns (max.)
◆ Low-power operation
   – IDT70V05S
      Active: 400mW (typ.)
      Standby: 3.3mW (typ.)
   – IDT70V05L
      Active: 380mW (typ.)
      Standby: 660µW (typ.)
◆ IDT70V05 easily expands data bus width to 16 bits or more
   using the Master/Slave select when cascading more than
   one device
◆ M/S = VIH for BUSY output flag on Master
   M/S = VIL for BUSY input on Slave
◆ Interrupt Flag
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
   between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 3.3V (±0.3V) power supply
◆ Available in 68-pin PGA and PLCC, and a 64-pin TQFP
◆ Industrial temperature range (-40°C to +85°C) is available
   for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - IDT70V05L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05L IDT-IDT70V05L Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L IDT-IDT70V05L Datasheet
183Kb / 23P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25G IDT-IDT70V05L25G Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25J IDT-IDT70V05L25J Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L25PF IDT-IDT70V05L25PF Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results


Similar Description - IDT70V05L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S_18 Datasheet
183Kb / 23P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com