Electronic Components Datasheet Search
  English  ▼

X  

LPA2163 Datasheet (PDF) - Lowpower Semiconductor inc

LPA2163 Datasheet PDF - Lowpower Semiconductor inc
Part # LPA2163
Download  LPA2163 Download
File Size   1339.51 Kbytes
Page   18 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated

LPA2163 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPA2163 Datasheet PDF - Lowpower Semiconductor inc

Part # LPA2163
Download  LPA2163 Click to download

File Size   1339.51 Kbytes
Page   18 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description Build in EQ Function 8W Class- F Audio Amplifier With Boost Convertor Integrated

LPA2163 Datasheet (HTML) - Lowpower Semiconductor inc




Similar Part No. - LPA2163

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPA2160 POWER-LPA2160 Datasheet
640Kb / 11P
Charge Pump 4.9W AB/D
LPA2160-00 POWER-LPA2160-00 Datasheet
1Mb / 13P
Po at 10% THD plus N, VIN = 3.7V
LPA2161 POWER-LPA2161 Datasheet
647Kb / 10P
BOOST 7.0W AB/D
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
More results


Similar Description - LPA2163

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
8W Stereo Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2100 POWER-LPA2100 Datasheet
1Mb / 20P
Build in EQ Function 25W Class-D Audio Amplifier With AGC function
LPA2101 POWER-LPA2101 Datasheet
1Mb / 18P
Build in EQ Function 12W Class-D Audio Amplifier With AGC function
LPA2164 POWER-LPA2164 Datasheet
701Kb / 16P
8W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2164A POWER-LPA2164A Datasheet
1Mb / 15P
6W Class- F Audio Amplifier With Boost Convertor Integrated
LPA2173 POWER-LPA2173 Datasheet
562Kb / 9P
8W Mono Class- F Audio Amplifier With EQ Function
LPA2176 POWER-LPA2176 Datasheet
607Kb / 12P
Filterless 6W Class- F Mono Audio Amplifier integrated Non-Crack Noise function
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
Rev 2
logo
Jiaxing Heroic Technolo...
HT8691 HEROIC-HT8691 Datasheet
99Kb / 2P
7.0WD/AB class audio power amplifier with built-in BOOST boost and anti-break function
logo
Shenzhen Huazhimei Semi...
HM8872 HMSEMI-HM8872 Datasheet
408Kb / 8P
8W single channel class F wide voltage audio power amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com