Electronic Components Datasheet Search
  English  ▼

X  

NTE388 Datasheet (PDF) - NTE Electronics

NTE388 Datasheet PDF - NTE Electronics
Part # NTE388
Download  NTE388 Download
File Size   23.5 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications

NTE388 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE388 Datasheet PDF - NTE Electronics

Part # NTE388
Download  NTE388 Click to download

File Size   23.5 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Complementary Transistors General Purpose High Power Audio, Disk Head Positioner for Linear Applications

NTE388 Datasheet (HTML) - NTE Electronics


NTE388 Product details

Description:
The NTE388 (NPN) and NTE68 (PNP) are complementary silicon power transistors in a TO3 type package designed for high power audio, disk head positioners, and other linear applications.

Features:
● High Safe Operating Area: 2A @ 80V
● High DC Current Gain: hFE = 15 Min @ IC = 8A




Similar Part No. - NTE388

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NTE388 ISC-NTE388 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistor
logo
NTE Electronics
NTE3880 NTE-NTE3880 Datasheet
37Kb / 5P
Integrated Circuit NMOS, 8-Bit Microprocessor (MPU), 4MHz
NTE3881 NTE-NTE3881 Datasheet
29Kb / 4P
Integrated Circuit NMOS, Parallel I/O Interface (PIO), 4MHz
NTE3882 NTE-NTE3882 Datasheet
29Kb / 4P
Integrated Circuit NMOS, Counter Timer Control (CTC)
More results


Similar Description - NTE388

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE123A NTE-NTE123A Datasheet
33Kb / 4P
Silicon Complementary Transistors General Purpose
NTE16004 NTE-NTE16004 Datasheet
23Kb / 4P
Silicon Complementary Transistors High Current, General Purpose
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE323 NTE-NTE323 Datasheet
22Kb / 2P
Silicon Complementary Transistors General Purpose
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
Silicon Complementary Transistors General Purpose
NTE58 NTE-NTE58 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Power Audio Output
NTE60 NTE-NTE60 Datasheet
24Kb / 2P
Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE87 NTE-NTE87 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
logo
Micro Electronics
2N5400 MICRO-ELECTRONICS-2N5400 Datasheet
165Kb / 2P
COMPLEMENTARY SILICON GENERAL PURPOSE HIGH VOLTAGE TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com