Electronic Components Datasheet Search
  English  ▼

X  

W6553A Datasheet (PDF) - List of Unclassifed Manufacturers

W6553A Datasheet PDF - List of Unclassifed Manufacturers
Part # W6553A
Download  W6553A Download
File Size   1011.99 Kbytes
Page   40 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Microprocessor

W6553A Datasheet (PDF)

Go To PDF Page Download Datasheet
W6553A Datasheet PDF - List of Unclassifed Manufacturers

Part # W6553A
Download  W6553A Click to download

File Size   1011.99 Kbytes
Page   40 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Microprocessor

W6553A Datasheet (HTML) - List of Unclassifed Manufacturers


W6553A Product details

The W65C02S is a low power cost sensitive 8-bit microprocessor. The W65C02S is a fully static core and the PHI2 clock can be stopped when it is in the high (logic 1) or low (logic 0) state. The variable length instruction set and manually optimized core size makes the W65C02S an excellent choice for low power System-on-Chip (SoC) designs. The Verilog RTL model is available for ASIC design flows. WDC, a Fabless Semiconductor Company, provides packaged chips for evaluation or volume production. To aid in system development, WDC provides a Development System that includes a W65C02DB Developer Board, an In-Circuit Emulator (ICE) and the W65cSDS Software Development System,



Features of the W65C02S

8-bit data bus

16-bit address bus provides access to 65,536 bytes of memory space

8-bit ALU, Accumulator, Stack Pointer, Index Registers, Processor Status Register

16-bit Program Counter

69 instructions

16 addressing modes

212 Operation Codes (OpCodes)

Vector Pull (VPB) output indicates when interrupt vectors are being addressed

WAit-for-Interrupt (WAI) and SToP (STP) instructions reduce power consumption, decrease interrupt latency and provide synchronization with external events

Variable length instruction set provides for lower power and smaller code optimization over fixed length instruction set processors

Fully static circuitry

Wide operating voltage range, 1.8+/- 5%, 2.5+/- 5%, 3.0+/- 5%, 3.3+/ - 10%, 5.0+/- 5% specified

Low Power consumption, 150uA@1MHz




Similar Part No. - W6553A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
Peripheral Interface Adapter (PIA)
W65C22S ETC-W65C22S Datasheet
592Kb / 46P
Versatile Interface Adapter (VIA)
W65C22S6TPG-14 ETC-W65C22S6TPG-14 Datasheet
592Kb / 46P
Versatile Interface Adapter (VIA)
W65C22S6TPLG-14 ETC-W65C22S6TPLG-14 Datasheet
592Kb / 46P
Versatile Interface Adapter (VIA)
More results


Similar Description - W6553A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPZ84C015BF-10 TOSHIBA-TMPZ84C015BF-10 Datasheet
7Mb / 185P
MICROPROCESSOR
logo
List of Unclassifed Man...
W65C816S ETC-W65C816S Datasheet
1Mb / 62P
Microprocessor
logo
Intel Corporation
21285 INTEL-21285 Datasheet
962Kb / 159P
Microprocessor
logo
Zilog, Inc.
Z380 ZILOG-Z380 Datasheet
630Kb / 115P
MICROPROCESSOR
logo
LSI Computer Systems
LR4102 LSI-LR4102 Datasheet
328Kb / 32P
Microprocessor
logo
Freescale Semiconductor...
MCF54455 FREESCALE-MCF54455 Datasheet
930Kb / 46P
Microprocessor
MC7457RX1267LC FREESCALE-MC7457RX1267LC Datasheet
808Kb / 71P
Microprocessor
logo
Texas Instruments
AM1707 TI1-AM1707_14 Datasheet
1Mb / 201P
Microprocessor
AM1808 TI1-AM1808_14 Datasheet
1Mb / 265P
Microprocessor
logo
Analog Devices
AD667 AD-AD667_17 Datasheet
600Kb / 6P
MICROPROCESSOR
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com