Electronic Components Datasheet Search
  English  ▼

X  

SP3530 Datasheet (PDF) - Littelfuse

SP3530 Datasheet PDF - Littelfuse
Part # SP3530
Download  SP3530 Download
File Size   1140.08 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3530 0.3pF 22kV unidirectional TVS diode

SP3530 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3530 Datasheet PDF - Littelfuse

Part # SP3530
Download  SP3530 Click to download

File Size   1140.08 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description SP3530 0.3pF 22kV unidirectional TVS diode

SP3530 Datasheet (HTML) - Littelfuse




Similar Part No. - SP3530

ManufacturerPart #DatasheetDescription
logo
NEC
SP350 NEC-SP350 Datasheet
1Mb / 2P
Soft client for Laptops & PCs
logo
SIPAT Co,Ltd
SP35001 SIPAT-SP35001 Datasheet
160Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
SP35001 SIPAT-SP35001 Datasheet
165Kb / 4P
350MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Sipex Corporation
SP3508 SIPEX-SP3508 Datasheet
313Kb / 33P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
logo
Exar Corporation
SP3508 EXAR-SP3508 Datasheet
914Kb / 36P
Rugged 3.3V, 20Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
More results


Similar Description - SP3530

ManufacturerPart #DatasheetDescription
logo
StarHope
TUSD05CU SPSEMI-TUSD05CU Datasheet
625Kb / 3P
Unidirectional TVS Diode
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
logo
Littelfuse
AQ3530-01FTG LITTELFUSE-AQ3530-01FTG Datasheet
1Mb / 5P
AQ3530-01FTG, 0.3pF 22kV unidirectional TVS diode
2020 Littelfuse, Inc
AQ3530-01LTG LITTELFUSE-AQ3530-01LTG Datasheet
956Kb / 5P
AQ3530-01LTG, 0.3pF 22kV unidirectional TVS diode
2019 Littelfuse, Inc
SC3530-01LTG LITTELFUSE-SC3530-01LTG Datasheet
624Kb / 5P
7V, 0.3pF, 22kV, SOD523, Unidirectional TVS, Ultra Low Capacitance ESD protection
2022 Littelfuse, Inc.
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com