Electronic Components Datasheet Search
  English  ▼

X  

Si4463CDY Datasheet (PDF) - Vishay Siliconix

Si4463CDY Datasheet PDF - Vishay Siliconix
Part # Si4463CDY
Download  Si4463CDY Download
File Size   173.21 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 2.5 V (G-S) MOSFET

Si4463CDY Datasheet (PDF)

Go To PDF Page Download Datasheet
Si4463CDY Datasheet PDF - Vishay Siliconix

Part # Si4463CDY
Download  Si4463CDY Click to download

File Size   173.21 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description P-Channel 2.5 V (G-S) MOSFET

Si4463CDY Datasheet (HTML) - Vishay Siliconix


Si4463CDY Product details

• Halogen-free According to IEC 61249-2-21
Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• 100 % UIS Tested
• Compliant to RoHS Directive 2002/95/EC




Similar Part No. - Si4463CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4463CDY VISHAY-SI4463CDY Datasheet
76Kb / 4P
P-Channel 2.5 V (G-S) MOSFET
14-Mar-11
logo
VBsemi Electronics Co.,...
SI4463CDY-T1-GE3 VBSEMI-SI4463CDY-T1-GE3 Datasheet
991Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4463CDY-T1-GE3 VISHAY-SI4463CDY-T1-GE3 Datasheet
218Kb / 9P
P-Channel 2.5 V (G-S) MOSFET
14-Feb-11
SI4463CDY VISHAY-SI4463CDY_V01 Datasheet
218Kb / 9P
P-Channel 40 V (D-S) MOSFET
14-Feb-11
More results


Similar Description - Si4463CDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
07-Jul-03
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
P-Channel 2.5-V (G-S) MOSFET
29-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2301BDS KEXIN-KI2301BDS Datasheet
50Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
29-Sep-97
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
P-Channel 2.5-V (G-S) MOSFET
20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
P-Channel 2.5 V (G-S) MOSFET
17-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com