Electronic Components Datasheet Search
  English  ▼

X  

DG9431E Datasheet (PDF) - Vishay Siliconix

DG9431E Datasheet PDF - Vishay Siliconix
Part # DG9431E
Download  DG9431E Download
File Size   316.22 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description The DG9431E is a monolithic CMOS switch designed for precision signal switching

DG9431E Datasheet (PDF)

Go To PDF Page Download Datasheet
DG9431E Datasheet PDF - Vishay Siliconix

Part # DG9431E
Download  DG9431E Click to download

File Size   316.22 Kbytes
Page   14 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description The DG9431E is a monolithic CMOS switch designed for precision signal switching

DG9431E Datasheet (HTML) - Vishay Siliconix


DG9431E Product details

• 1 pC charge injection
• Guaranteed 100 pA max. switch on leakage at
25 °C
• 3.8 pF switch off and 7.8 pF switch on
capacitances
• +2.7 V to +5 V single supply operation
• Low on-resistance - RDS(on): 17 Ω (typ.) at 5 V
• tON: 32 ns, tOFF: 10 ns switching time
• Typical power consumption: 1 nW
• Over voltage tolerance on logic control IN pin
• TTL / CMOS compatible
• ESD (HBM): > 8000 V, ESD (CDM): >1000 V
• Latch-up current: > 300 mA (JESD78)
• Available in TSOP-6 and SOIC-8




Similar Part No. - DG9431E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9431 VISHAY-DG9431 Datasheet
72Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG9431 VISHAY-DG9431 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG9431DV VISHAY-DG9431DV Datasheet
72Kb / 7P
Low-Voltage Single SPDT Analog Switch
26-Jul-99
DG9431DV-T1 VISHAY-DG9431DV-T1 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
DG9431DV-T1-E3 VISHAY-DG9431DV-T1-E3 Datasheet
110Kb / 8P
Low-Voltage Single SPDT Analog Switch
14-May-07
More results


Similar Description - DG9431E

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GBAV152 ETL-GBAV152 Datasheet
313Kb / 2P
The GBAV152 is designed for ultra high speed switching application
GD1SS356 ETL-GD1SS356 Datasheet
142Kb / 2P
The GD1SS356 is designed for high frequency switching application.
GDMBD2004 ETL-GDMBD2004 Datasheet
225Kb / 2P
The GDMBD2004 is designed for ultra high speed switching
GP202K ETL-GP202K Datasheet
173Kb / 2P
The GP202K is designed for ultra high speed switching.
logo
STMicroelectronics
AN2479 STMICROELECTRONICS-AN2479 Datasheet
2Mb / 23P
The STEVAL-CCA048V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN4170 STMICROELECTRONICS-AN4170 Datasheet
1Mb / 15P
The STEVAL-CCA042V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4171 STMICROELECTRONICS-AN4171 Datasheet
797Kb / 14P
The STEVAL-CCA043V1 is a demonstration board designed for the evaluation
13-Nov-2012
AN4189 STMICROELECTRONICS-AN4189 Datasheet
2Mb / 23P
The STEVAL-CCA049V1 is a demonstration board designed for the evaluation
29-Nov-2012
AN3392 STMICROELECTRONICS-AN3392 Datasheet
5Mb / 57P
The SPV1020 is a monolithic DC-DC boost converter designed
09-May-2012
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
The RT8259A is a monolithic step-down switch mode
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com