Electronic Components Datasheet Search
  English  ▼

X  

DXT651Q Datasheet (PDF) - Diodes Incorporated

DXT651Q Datasheet PDF - Diodes Incorporated
Part # DXT651Q
Download  DXT651Q Download
File Size   385.62 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LOW SATURATION POWER TRANSISTOR

DXT651Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DXT651Q Datasheet PDF - Diodes Incorporated

Part # DXT651Q
Download  DXT651Q Click to download

File Size   385.62 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V NPN LOW SATURATION POWER TRANSISTOR

DXT651Q Datasheet (HTML) - Diodes Incorporated


DXT651Q Product details

Description
This Bipolar Junction Transistor (BJT) is designed to meet the stringent requirements of automotive applications.

Features
• BVCEO > 60V
• IC = 3A High Continuous Collector Current
• ICM up to 6A Peak Pulse Current
• 2W Power Dissipation
• Low Saturation Voltage VCE(SAT) < 300mV @ 1A
• Complementary PNP Type: DXT751Q
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• PPAP Capable (Note 4)

Applications
• Load Management Functions
• Motor Control
• DC-DC / DC-AC Converters




Similar Part No. - DXT651Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT651 DIODES-DXT651 Datasheet
146Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31184 Rev. 3 - 2
DXT651-13 DIODES-DXT651-13 Datasheet
146Kb / 4P
LOW VCE(SAT) NPN SURFACE MOUNT TRANSISTOR
DS31184 Rev. 3 - 2
DXT651 DIODES-DXT651_15 Datasheet
191Kb / 6P
60V NPN LOW VCE(sat) TRANSISTOR IN SOT89
Rev 5
More results


Similar Description - DXT651Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010Z ZETEX-ZXTN2010Z Datasheet
126Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zhaoxingwei Electronics...
ZX5T852Z ZHAOXINGWEI-ZX5T852Z Datasheet
235Kb / 6P
60V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
logo
Diodes Incorporated
DSS4160T DIODES-DSS4160T_15 Datasheet
198Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
Rev 2
DSS60601MZ4 DIODES-DSS60601MZ4_15 Datasheet
306Kb / 8P
60V NPN LOW SATURATION TRANSISTOR IN SOT223
Rev 3
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
MAY 2006
ZXTN2010G DIODES-ZXTN2010G_16 Datasheet
489Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 3
ZXTN19060CG DIODES-ZXTN19060CG_15 Datasheet
487Kb / 7P
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR
Rev 2
DSS4160T DIODES-DSS4160T Datasheet
327Kb / 7P
60V NPN LOW SATURATION TRANSISTOR IN SOT23
May 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com