Electronic Components Datasheet Search
  English  ▼

X  

VRE306K Datasheet (PDF) - List of Unclassifed Manufacturers

VRE306K Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE306K
Download  VRE306K Download
File Size   320.32 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Cost Precision Reference

VRE306K Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE306K Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE306K
Download  VRE306K Click to download

File Size   320.32 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Low Cost Precision Reference

VRE306K Datasheet (HTML) - List of Unclassifed Manufacturers


VRE306K Product details

DESCRIPTION
The VRE306 is a low cost, high precision 6.0V reference. Packaged in the industry standard 8 pin DIP, the device is ideal for upgrading systems that use lower performance references.

FEATURES
• 6.000 V OUTPUT ± 0.600 mV (.01%)
• TEMPERATURE DRIFT: 0.6 ppm/°C
• LOW NOISE: 4µVp-p (0.1-10Hz)
• INDUSTRY STD PINOUT- 8 PIN DIP OR SURFACE MOUNT PACKAGE
• EXCELLENT LINE REGULATION: 6ppm/V Typ.
• OUTPUT TRIM CAPABILITY




Similar Part No. - VRE306K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE306K ETC-VRE306K Datasheet
2Mb / 41P
Low Cost Precision Reference
More results


Similar Description - VRE306K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
List of Unclassifed Man...
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
VRE3050 Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
Low Cost Precision Reference
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
Low Cost Precision Reference
logo
Analog Devices
AD680 AD-AD680_05 Datasheet
399Kb / 12P
Low Power, Low Cost 2.5 V Reference
Rev. H
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com