Electronic Components Datasheet Search
  English  ▼

X  

MB90352TASPMC1 Datasheet (PDF) - Cypress Semiconductor

MB90352TASPMC1 Datasheet PDF - Cypress Semiconductor
Part # MB90352TASPMC1
Download  MB90352TASPMC1 Download
File Size   1275.51 Kbytes
Page   83 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description F2MC-16LX 16-bit Microcontroller

MB90352TASPMC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB90352TASPMC1 Datasheet PDF - Cypress Semiconductor

Part # MB90352TASPMC1
Download  MB90352TASPMC1 Click to download

File Size   1275.51 Kbytes
Page   83 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description F2MC-16LX 16-bit Microcontroller

MB90352TASPMC1 Datasheet (HTML) - Cypress Semiconductor


MB90352TASPMC1 Product details

The MB90350-series with 1 channel FULL-CAN interface and Flash ROM is especially designed for automotive and industrial applications. Its main feature is the on-board CAN interface, which conforms to V2.0 Part A and Part B, while supporting a very flexible message buffer scheme and so offering more functions than a normal full CAN approach. With the new 0.35μm CMOS technology, Cypress now offers on-chip Flash-ROM program memory up to 128 Kbytes.

Features
Clock
■ Built-in PLL clock frequency multiplication circuit
■ Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and multiplication of 1 to 6 times of oscillation clock (for 4 MHz oscillation clock, 4 MHz to 24 MHz).
■ Operation by sub clock (up to 50 kHz : 100 kHz oscillation clock divided by two) is allowed. (devices without S-suffix only)
■ Minimum execution time of instruction : 42 ns (when operating with 4-MHz oscillation clock, and 6-time multiplied PLL clock).
■ Built-in clock modulation circuit

16 Mbytes CPU memory space
■ 24-bit internal addressing Clock monitor function (MB90x356x and MB90x357x only)
■ Main clock or sub clock is monitored independently.
■ Internal CR oscillation clock (100 kHz typical) can be used as sub clock.

Instruction system best suited to controller
■ Wide choice of data types (bit, byte, word, and long word)
■ Wide choice of addressing modes (23 types)
■ Enhanced multiply-divide instructions with sign and RETI instructions
■ Enhanced high-precision computing with 32-bit accumulator

Instruction system compatible with high-level language (C language) and multitask
■ Employing system stack pointer
■ Enhanced various pointer indirect instructions
■ Barrel shift instructions

Increased processing speed
■ 4-byte instruction queue

Powerful interrupt function
■ Powerful 8-level, 34-condition interrupt feature
■ Up to 8 channels external interrupts are supported

Automatic data transfer function independent of CPU
■ Extended intelligent I/O service function (EI2OS) : up to 16 channels
■ DMA: up to 16 channels

Low power consumption (standby) mode
■ Sleep mode (a mode that halts CPU operating clock)
■ Main timer mode (a timebase timer mode switched from the main clock mode)
■ PLL timer mode (a timebase timer mode switched from the PLL clock mode)
■ Watch mode (a mode that operates sub clock and watch timer only)
■ Stop mode (a mode that stops oscillation clock and sub clock)
■ CPU intermittent operation mode

Process
■ CMOS technology

I/O port
■ General-purpose input/output port (CMOS output)
    ❐ 49 ports (devices without S-suffix : devices that correspond to sub clock)
    ❐ 51 ports (devices with S-suffix : devices that do not correspond to sub clock)
(Continue ...)




Similar Part No. - MB90352TASPMC1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90352TE FUJITSU-MB90352TE Datasheet
899Kb / 85P
16-bit Proprietary Microcontrollers
MB90352TEPMC FUJITSU-MB90352TEPMC Datasheet
899Kb / 85P
16-bit Proprietary Microcontrollers
MB90352TEPMC FUJITSU-MB90352TEPMC Datasheet
2Mb / 92P
16-bit Microcontrollers
logo
Cypress Semiconductor
MB90352TEPMC CYPRESS-MB90352TEPMC Datasheet
3Mb / 85P
F2MC-16LX16-bit Microcontrollers
logo
fujitsu semiconductor
MB90352TEPMC1 FUJITSU-MB90352TEPMC1 Datasheet
899Kb / 85P
16-bit Proprietary Microcontrollers
More results


Similar Description - MB90352TASPMC1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB90M405 FUJITSU-MB90M405 Datasheet
213Kb / 28P
F2MC-16LX FAMILY 16-BIT MICROCONTROLLERS HARDWARE MANUAL ABSTRACTS
logo
Cypress Semiconductor
MB90F543G CYPRESS-MB90F543G Datasheet
5Mb / 70P
CMOS F2MC-16LX MB90540G/545GSeries 16-bit Proprietary Microcontroller
MB966B0 CYPRESS-MB966B0 Datasheet
1Mb / 74P
F2MC-16FX 16-Bit Microcontroller
MB966C0 CYPRESS-MB966C0 Datasheet
657Kb / 71P
F2MC-16FX 16-bit Microcontroller
MB90340E CYPRESS-MB90340E Datasheet
16Mb / 93P
F2MC-16LX 16-bit Microcontroller
MB90387 CYPRESS-MB90387 Datasheet
1Mb / 82P
16-bit Microcontrollers F2MC-16LX
MB96320 CYPRESS-MB96320 Datasheet
2Mb / 94P
F2MC-16FX, 16-bit Microcontroller
MB96380 CYPRESS-MB96380 Datasheet
9Mb / 117P
F2MC-16FX 16-bit Proprietary Microcontroller
MB96640 CYPRESS-MB96640 Datasheet
1Mb / 65P
F2MC-16FX 16-Bit Microcontroller
MB96670 CYPRESS-MB96670 Datasheet
1Mb / 68P
F2MC-16FX 16-Bit Microcontroller
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com