Electronic Components Datasheet Search
  English  ▼

X  

VRE204M Datasheet (PDF) - List of Unclassifed Manufacturers

VRE204M Datasheet PDF - List of Unclassifed Manufacturers
Part # VRE204M
Download  VRE204M Download
File Size   197.19 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Surface Mount Reference Supply

VRE204M Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE204M Datasheet PDF - List of Unclassifed Manufacturers

Part # VRE204M
Download  VRE204M Click to download

File Size   197.19 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Precision Surface Mount Reference Supply

VRE204M Datasheet (HTML) - List of Unclassifed Manufacturers


VRE204M Product details

[THALER CORPORATION]

DESCRIPTION
VRE204 Series Precision Voltage References provide ultrastable +4.500 V outputs with up to ±0.4 mV initial accuracy and temperature coefficient as low as 0.6 ppm/°C over the full military temperature range.
These references are specifically designed to be used with the Crystal Semiconductor line of successive-approximation type Analog-to-Digital Converters (ADCs). This line of ADCs sets new standards for temperature drift, which can only be as good as the external reference used. The Thaler VRE204 combined with a Crystal ADC will provide the lowest drift data conversion obtainable.

FEATURES
• VERY HIGH ACCURACY: 4.5000 V OUTPUT ±0.4 mV
• EXTREMELY LOW DRIFT: 0.6 ppm/°C -55°C to +125°C
• EXCELLENT STABILITY: 6ppm/1000 Hrs. Typ.
• EXCELLENT LINE REGULATION: 6 ppm/V Typ.
• WIDE SUPPLY RANGE: +13.5 V to +22.0 V
• HERMETIC 20 TERMINAL CERAMIC LCC
• MILITARY PROCESSING AVAILABLE

APPLICATIONS
• PRECISION A/D and D/A CONVERTERS
• TRANSDUCER EXCITATION
• ACCURATE COMPARATOR THRESHOLD REFERENCE
• HIGH RESOLUTION SERVO SYSTEMS
• DIGITAL VOLTMETERS
• HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS




Similar Part No. - VRE204M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE204M ETC2-VRE204M Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE204M CIRRUS-VRE204M Datasheet
281Kb / 4P
Precision Voltage Reference
VRE204M CIRRUS-VRE204M Datasheet
346Kb / 4P
Precision Voltage Reference
logo
List of Unclassifed Man...
VRE204MA ETC2-VRE204MA Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
logo
Cirrus Logic
VRE204MA CIRRUS-VRE204MA Datasheet
281Kb / 4P
Precision Voltage Reference
More results


Similar Description - VRE204M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
logo
Maxim Integrated Produc...
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
List of Unclassifed Man...
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
Precision Surface Mount Reference Supplies
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
Precision Surface Mount Reference Supply
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
logo
List of Unclassifed Man...
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
Wide Supply 2.5V Precision Voltage Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com