Electronic Components Datasheet Search
  English  ▼

X  

SI2302A Datasheet (PDF) - Micro Commercial Components

SI2302A Datasheet PDF - Micro Commercial Components
Part # SI2302A
Download  SI2302A Download
File Size   315.46 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel Enhancement Mode Field Effect Transistor

SI2302A Datasheet (PDF)

Go To PDF Page Download Datasheet
SI2302A Datasheet PDF - Micro Commercial Components

Part # SI2302A
Download  SI2302A Click to download

File Size   315.46 Kbytes
Page   5 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description N-Channel Enhancement Mode Field Effect Transistor

SI2302A Datasheet (HTML) - Micro Commercial Components


SI2302A Product details

Features
• Rugged and Reliable
• Lead Free Product is Acquired
• High Dense Cell Design for Extremely Low RDS(ON)
• Epoxy Meets UL 94 V-0 Flammability Rating
• Moisture Sensitivity Level 1
• Halogen Free Available Upon Request by Adding Suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix Designates RoHS
   Compliant. See Ordering Information)

Maximum Ratings
• Operating Junction Temperature Range: -55°C to +150°C
• Storage Temperature Range: -55°C to +150°C
• Thermal Resistance: 100°C/W Junction to Ambient




Similar Part No. - SI2302A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SI2302A UMW-SI2302A Datasheet
1Mb / 5P
N-Channel Enhancement MOSFET
logo
EVER SEMICONDUCTOR CO.,...
SI2302A EVVOSEMI-SI2302A Datasheet
1Mb / 5P
N-Channel Enhancement MOSFET
Rev:2023A2
logo
Vishay Siliconix
SI2302ADS VISHAY-SI2302ADS Datasheet
56Kb / 4P
N-Channel 1.25-W, 2.5-V MOSFET
20-Sep-04
SI2302ADS VISHAY-SI2302ADS Datasheet
205Kb / 8P
N-Channel 2.5-V (G-S) MOSFET
10-Oct-11
logo
TECH PUBLIC Electronics...
SI2302ADS TECHPUBLIC-SI2302ADS Datasheet
2Mb / 6P
20V N-Channel MOSFET
More results


Similar Description - SI2302A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com