Electronic Components Datasheet Search
  English  ▼

X  

B240A Datasheet (PDF) - Diodes Incorporated

B240A Datasheet PDF - Diodes Incorporated
Part # B240A
Download  B240A Download
File Size   104.41 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description The evaluation board does not have reverse supply protection.

B240A Datasheet (PDF)

Go To PDF Page Download Datasheet
B240A Datasheet PDF - Diodes Incorporated

Part # B240A
Download  B240A Click to download

File Size   104.41 Kbytes
Page   8 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description The evaluation board does not have reverse supply protection.

B240A Datasheet (HTML) - Diodes Incorporated


B240A Product details

DESCRIPTION
The AL8807AEV1, Figure 1, is a double sided evaluation board for the AL8807A step-down, or ‘buck’, LED driver with internal switch. The evaluation board is preset to drive 680mA into a single LED, or multiple LEDs, the maximum number of which depends on their total forward voltage drop and the supply voltage. (The maximum drive current of the AL8807A is 1000mA)

AL8807A DEVICE FEATURES
• Drives one or more series-connected LEDs
• LEDs up to 1000mA.
• Internal 36V switch.
• Wide input voltage: 6V to 36V.
• Inherent open circuit LED protection.
• Brightness control using DC.

DEVICE APPLICATIONS
• LED flashlights.
• High Power LED driving.
• Low-voltage halogen replacement LEDs.
• Automotive lighting.
• Illuminated signs.




Similar Part No. - B240A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B240A DIODES-B240A Datasheet
45Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13004 Rev. E-2
logo
Vishay Siliconix
B240A VISHAY-B240A Datasheet
58Kb / 2P
High-Current Density Surface Mount Schottky Rectifier
15-Dec-03
logo
Weitron Technology
B240A WEITRON-B240A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B240A BILIN-B240A Datasheet
83Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
B240A VISHAY-B240A Datasheet
102Kb / 4P
High-Current Density Surface Mount Schottky Rectifier
19-May-08
More results


Similar Description - B240A

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
EN016 XILINX-EN016 Datasheet
70Kb / 3P
The FIFO16 does not correctly generate the ALMOST EMPTY
logo
Wurth Elektronik GmbH &...
784787101 WURTH-784787101 Datasheet
589Kb / 7P
It is recommeded that the temperature of the component does not exceed
logo
Diodes Incorporated
AL8805EV1 DIODES-AL8805EV1 Datasheet
144Kb / 8P
The evaluation board does not have reverse supply protection
AUGUST 2010
AL8807AEV3 DIODES-AL8807AEV3 Datasheet
105Kb / 8P
The evaluation board does not have reverse supply protection
OCTOBER 2012
AL8807EV1 DIODES-AL8807EV1 Datasheet
185Kb / 8P
The evaluation board does not have reverse supply protection.
OCTOBER 2011
AL8807EV3 DIODES-AL8807EV3 Datasheet
197Kb / 8P
The evaluation board does not have reverse supply protection
DECEMBER 2011
AP8800EV2 DIODES-AP8800EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV1 DIODES-AP8801EV1 Datasheet
214Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
AP8801EV2 DIODES-AP8801EV2 Datasheet
177Kb / 8P
The evaluation board does not have reverse polarity protection
AUGUST 2009
logo
List of Unclassifed Man...
APA102 ETC2-APA102 Datasheet
1Mb / 5P
Intelligent reverse connect protection, the power supply reverse connection does not damage the IC.
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com