Electronic Components Datasheet Search
  English  ▼

X  

2.54U Datasheet (PDF) - Lumberg

2.54U Datasheet PDF - Lumberg
Part # 2.54U
Download  2.54U Download
File Size   296.82 Kbytes
Page   4 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm

2.54U Datasheet (PDF)

Go To PDF Page Download Datasheet
2.54U Datasheet PDF - Lumberg

Part # 2.54U
Download  2.54U Click to download

File Size   296.82 Kbytes
Page   4 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm

2.54U Datasheet (HTML) - Lumberg




Similar Part No. - 2.54U

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.54U LUMBERG-2.54U Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder,
2.54U LUMBERG-2.54U Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,54 mm
2.54UF LUMBERG-2.54UF Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder,
2.54UF LUMBERG-2.54UF Datasheet
89Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,54 mm
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results


Similar Description - 2.54U

ManufacturerPart #DatasheetDescription
logo
Lumberg
2.5RF LUMBERG-2.5RF Datasheet
572Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5RFL LUMBERG-2.5RFL Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5U LUMBERG-2.5U Datasheet
623Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.5UFL LUMBERG-2.5UFL Datasheet
502Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54R LUMBERG-2.54R_18 Datasheet
301Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UF LUMBERG-2.54UF Datasheet
366Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
2.54UFL LUMBERG-2.54UFL_18 Datasheet
404Kb / 4P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5.08RFL LUMBERG-5.08RFL Datasheet
378Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
5RF LUMBERG-5RF Datasheet
396Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
8510A02 LUMBERG-8510A02 Datasheet
188Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com