Electronic Components Datasheet Search
  English  ▼

X  

D1384 Datasheet (PDF) - Rohm

D1384 Datasheet PDF - Rohm
Part # D1384
Download  D1384 Download
File Size   195.39 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description TRANSISTORS TO 92L TO-92LS MRT

D1384 Datasheet (PDF)

Go To PDF Page Download Datasheet
D1384 Datasheet PDF - Rohm

Part # D1384
Download  D1384 Click to download

File Size   195.39 Kbytes
Page   2 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description TRANSISTORS TO 92L TO-92LS MRT

D1384 Datasheet (HTML) - Rohm




Similar Part No. - D1384

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D138 MPD-D138 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
eupec GmbH
D1381S45T EUPEC-D1381S45T Datasheet
51Kb / 4P
Schnelle Gleichrichterdiode
logo
Tyco Electronics
D13880-000 MACOM-D13880-000 Datasheet
607Kb / 11P
14mm Series Metal Oxide Varistors
logo
MicroPower Direct, LLC
D138ERW MPD-D138ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
D138I MPD-D138I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results


Similar Description - D1384

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA935 TEL-2SA935 Datasheet
116Kb / 1P
TO-92L Plastic-Encapsulated Transistors
logo
Jiangsu Changjiang Elec...
2SB649 JIANGSU-2SB649 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
2SC1383 JIANGSU-2SC1383 Datasheet
4Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2236 JIANGSU-2SC2236 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
2SC2500 JIANGSU-2SC2500 Datasheet
2Mb / 4P
TO-92L Plastic-Encapsulate Transistors
3DG8051 JIANGSU-3DG8051 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1024 JIANGSU-KTA1024 Datasheet
5Mb / 3P
TO-92L Plastic-Encapsulate Transistors
KTA1274 JIANGSU-KTA1274 Datasheet
8Mb / 5P
TO-92L Plastic-Encapsulate Transistors
KTC3207 JIANGSU-KTC3207 Datasheet
4Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2383L DGNJDZ-2SC2383L Datasheet
1Mb / 5P
TO-92L Plastic-Encapsulate Transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com