Electronic Components Datasheet Search
  English  ▼

X  

C9531 Datasheet (PDF) - Silicon Laboratories

C9531 Datasheet PDF - Silicon Laboratories
Part # C9531
Download  C9531 Download
File Size   1086.29 Kbytes
Page   10 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PCIX I/O System Clock Generator with EMI Control Features

C9531 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9531 Datasheet PDF - Silicon Laboratories

Part # C9531
Download  C9531 Click to download

File Size   1086.29 Kbytes
Page   10 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PCIX I/O System Clock Generator with EMI Control Features

C9531 Datasheet (HTML) - Silicon Laboratories


C9531 Product details

Features
• Dedicated clock buffer power pins for reduced noise,
   crosstalk and jitter
• Input clock frequency of 25 MHz to 33 MHz
• Output frequencies of XINx1, XINx2, XINx3 and XINx4
• One output bank of five clocks
• One REF XIN clock output
• SMBus clock control interface for individual clock
   disabling and SSCG control
• Output clock duty cycle is 50% (± 5%)
• < 250 ps skew between output clocks within a bank
• Output jitter <175 ps
• Spread Spectrum feature for reduced electromagnetic
   interference (EMI)
• OE pin for entire output bank enable control and
   testability
• 28-pin SSOP and TSSOP packages




Similar Part No. - C9531

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
C9531 CYPRESS-C9531 Datasheet
234Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
More results


Similar Description - C9531

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9531 CYPRESS-C9531 Datasheet
115Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
SUPER I/O CONTROLLER WITH WAKE UP FEATURES
logo
List of Unclassifed Man...
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
Notebook I/O Controller with Enhanced Keyboard and System Control
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
Super I/O Controller with Wake-Up Features
logo
SpectraLinear Inc
CY28510 SPECTRALINEAR-CY28510 Datasheet
161Kb / 12P
Peripheral I/O Clock Generator
logo
Cypress Semiconductor
C9530 CYPRESS-C9530 Datasheet
263Kb / 11P
PCIX I/O System Clock Generator with EMI Control Features
C9531 CYPRESS-C9531_04 Datasheet
234Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
CY28510 CYPRESS-CY28510 Datasheet
99Kb / 13P
Peripheral I/O Clock Generator
logo
Silicon Laboratories
C9530 SILABS-C9530 Datasheet
154Kb / 10P
PCIX I/O System Clock Generator with EMI Control Features
logo
Renesas Technology Corp
6P41505 RENESAS-6P41505 Datasheet
561Kb / 27P
System Clock Generator
MAY 1, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com