Electronic Components Datasheet Search
  English  ▼

X  

MA312D-15R Datasheet (PDF) - MicroPower Direct, LLC

MA312D-15R Datasheet PDF - MicroPower Direct, LLC
Part # MA312D-15R
Download  MA312D-15R Download
File Size   443.25 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Regulated, 3W DIP Single & Dual Output DC/DC Con vert ers

MA312D-15R Datasheet (PDF)

Go To PDF Page Download Datasheet
MA312D-15R Datasheet PDF - MicroPower Direct, LLC

Part # MA312D-15R
Download  MA312D-15R Click to download

File Size   443.25 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Regulated, 3W DIP Single & Dual Output DC/DC Con vert ers

MA312D-15R Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - MA312D-15R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MA312D-15ERW MPD-MA312D-15ERW Datasheet
850Kb / 4P
2:1 Input, 3W DIP, Single & Dual Output DC/DC Con vert ers
More results


Similar Description - MA312D-15R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A200RHI MPD-A200RHI Datasheet
184Kb / 2P
Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
B2000RU MPD-B2000RU Datasheet
275Kb / 4P
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers
MA600ERU MPD-MA600ERU Datasheet
901Kb / 4P
4:1 Input, 6W DIP, Single & Dual Output DC/DC Con vert ers
MA1200RW MPD-MA1200RW Datasheet
379Kb / 3P
2:1 Input Range, 12W Single & Dual Output DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA300ERU MPD-MA300ERU Datasheet
1Mb / 4P
Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
MA300ERW MPD-MA300ERW Datasheet
850Kb / 4P
2:1 Input, 3W DIP, Single & Dual Output DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MHI100X-XXDI5.7 MPD-MHI100X-XXDI5.7 Datasheet
662Kb / 3P
High Isolation, 1W SIP Single & Dual Output DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com