Electronic Components Datasheet Search
  English  ▼

X  

SGP20N60 Datasheet (PDF) - Infineon Technologies AG

SGP20N60 Datasheet PDF - Infineon Technologies AG
Part # SGP20N60
Download  SGP20N60 Download
File Size   275.85 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast S-IGBT in NPT-technology

SGP20N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGP20N60 Datasheet PDF - Infineon Technologies AG

Part # SGP20N60
Download  SGP20N60 Click to download

File Size   275.85 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Fast S-IGBT in NPT-technology

SGP20N60 Datasheet (HTML) - Infineon Technologies AG


SGP20N60 Product details

Fast S-IGBT in NPT-technology

• 75% lower Eoff compared to previous generation combined with
   low conduction losses
• Short circuit withstand time – 10 µs
• Designed for:
   - Motor controls
   - Inverter
• NPT-Technology for 600V applications offers:
   - very tight parameter distribution
   - high ruggedness, temperature stable behaviour
   - parallel switching capability




Similar Part No. - SGP20N60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGP20N60 FAIRCHILD-SGP20N60 Datasheet
540Kb / 7P
Short Circuit Rated IGBT
logo
Infineon Technologies A...
SGP20N60 INFINEON-SGP20N60 Datasheet
80Kb / 4P
IGBT Chip in NPT-technology
Edition 2, 28.11.2003
SGP20N60 INFINEON-SGP20N60 Datasheet
364Kb / 12P
Fast IGBT in NPT-technology 75% lower Eoff compared to previous generation
Rev. 2.4 Nov 09
SGP20N60HS INFINEON-SGP20N60HS Datasheet
388Kb / 12P
High Speed IGBT in NPT-technology 30% lower Eoff compared to previous generation
Rev 2.5 Nov 09
SGP20N60HS INFINEON-SGP20N60HS Datasheet
426Kb / 11P
High Speed IGBT in NPT-technology
Rev.2 Aug-02
More results


Similar Description - SGP20N60

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
Fast IGBT in NPT-technology
Jul-02
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
Fast IGBT in NPT-technology
Jul-02
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP02N120 INFINEON-SGP02N120 Datasheet
386Kb / 12P
Fast S-IGBT in NPT-technology
Mar-00
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com