Electronic Components Datasheet Search
  English  ▼

X  

PT22A615B Datasheet (PDF) - Tyco Electronics

PT22A615B Datasheet PDF - Tyco Electronics
Part # PT22A615B
Download  PT22A615B Download
File Size   333.18 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in

PT22A615B Datasheet (PDF)

Go To PDF Page Download Datasheet
PT22A615B Datasheet PDF - Tyco Electronics

Part # PT22A615B
Download  PT22A615B Click to download

File Size   333.18 Kbytes
Page   4 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 6 to 12 Amp Miniature Relay 2 or 4 Pole, PCB or Plug-in

PT22A615B Datasheet (HTML) - Tyco Electronics




Similar Part No. - PT22A615B

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PT22A3 PREMO-PT22A3 Datasheet
662Kb / 6P
Pulse transformers designed for Semikron
PT22A5 PREMO-PT22A5 Datasheet
662Kb / 6P
Pulse transformers designed for Semikron
logo
Tyco Electronics
PT22AR06B MACOM-PT22AR06B Datasheet
178Kb / 1P
Tyco Electronics Corporation ShenZhen, China
PT22AR12B MACOM-PT22AR12B Datasheet
178Kb / 1P
Tyco Electronics Corporation ShenZhen, China
PT22AR24B MACOM-PT22AR24B Datasheet
178Kb / 1P
Tyco Electronics Corporation ShenZhen, China
More results


Similar Description - PT22A615B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
845HN ETC-845HN Datasheet
282Kb / 3P
Sub-Miniature - 1 or 2 pole, 5-12 amps
logo
Picker Components
PTRH-T PICKER-PTRH-T Datasheet
150Kb / 2P
30 AMP Panel Mount or PCB Power Relay
PC703 PICKER-PC703 Datasheet
193Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In Relay
PC731 PICKER-PC731 Datasheet
189Kb / 2P
1 Pole To 3 Pole 10 Amp Plug In or Panel
logo
American Zettler, Inc.
AZ934 AZETTLER-AZ934 Datasheet
132Kb / 2P
20 AMP MINIATURE AUTOMOTIVE RELAY, SINGLE OR DUAL
logo
Picker Components
PTRD-T PICKER-PTRD-T_14 Datasheet
176Kb / 2P
40 AMP Panel Mount or PCB Power Relay
PTRH-T-14 PICKER-PTRH-T-14 Datasheet
141Kb / 2P
30 AMP Panel Mount or PCB Power Relay
PCT90EL PICKER-PCT90EL Datasheet
544Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
Plug-in or PCB terminals
logo
Picker Components
PCT90CL PICKER-PCT90CL_17 Datasheet
611Kb / 3P
30, 40 or 50 Amp Latching PCB Relay
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com