Electronic Components Datasheet Search
  English  ▼

X  

MMBZ5223BW Datasheet (PDF) - Micro Commercial Components

MMBZ5223BW Datasheet PDF - Micro Commercial Components
Part # MMBZ5223BW
Download  MMBZ5223BW Download
File Size   244.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mW Zener Diode 2.4 to 39 Volts

MMBZ5223BW Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ5223BW Datasheet PDF - Micro Commercial Components

Part # MMBZ5223BW
Download  MMBZ5223BW Click to download

File Size   244.82 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200 mW Zener Diode 2.4 to 39 Volts

MMBZ5223BW Datasheet (HTML) - Micro Commercial Components


MMBZ5223BW Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Wide Voltage Range Available
• Small Outline Package For Space Savings
• High Temp Soldering: 260°C for 10 Seconds At Terminals
• Surface Mount Package
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - MMBZ5223BW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5223BW PANJIT-MMBZ5223BW Datasheet
79Kb / 5P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5223BW DIODES-MMBZ5223BW Datasheet
63Kb / 3P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Weitron Technology
MMBZ5223BW WEITRON-MMBZ5223BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5223BW DIODES-MMBZ5223BW Datasheet
458Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 10 - 2
logo
Won-Top Electronics
MMBZ5223BW WTE-MMBZ5223BW Datasheet
76Kb / 4P
200mW SURFACE MOUNT ZENER DIODE
More results


Similar Description - MMBZ5223BW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BZT52C2V4S MCC-BZT52C2V4S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
MMBZ5221B MCC-MMBZ5221B Datasheet
617Kb / 4P
410 mW Zener Diode 2.4 to 39 Volts
MMXZ5221B MCC-MMXZ5221B Datasheet
410Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP Datasheet
397Kb / 4P
250 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4S MCC-BZT52C2V4S_08 Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C5V1S-TP MCC-BZT52C5V1S-TP Datasheet
282Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LP MCC-BZT52C2V4LP_16 Datasheet
450Kb / 4P
100 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4LS MCC-BZT52C2V4LS Datasheet
341Kb / 4P
200 mW Zener Diode 2.4 to 39 Volts
BZT52C2V4T MCC-BZT52C2V4T Datasheet
225Kb / 3P
200 mW Zener Diode 2.4 to 39 Volts
MMBZ5256B MCC-MMBZ5256B_13 Datasheet
242Kb / 5P
350 mW Zener Diode 2.4 to 39 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com