Electronic Components Datasheet Search
  English  ▼

X  

1N5994B Datasheet (PDF) - Micro Commercial Components

1N5994B Datasheet PDF - Micro Commercial Components
Part # 1N5994B
Download  1N5994B Download
File Size   173.17 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 2.4 ??47Volts

1N5994B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5994B Datasheet PDF - Micro Commercial Components

Part # 1N5994B
Download  1N5994B Click to download

File Size   173.17 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 500 mW Zener Diode 2.4 ??47Volts

1N5994B Datasheet (HTML) - Micro Commercial Components


1N5994B Product details

Features
• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
• High Reliability
• Very Sharp Reverse Characteristic
• VZ – tolerance ± 5%
• Moisture Sensitivity: Level 1
• Marking: Cathode band and type number




Similar Part No. - 1N5994B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N5994B FAIRCHILD-1N5994B Datasheet
145Kb / 5P
Zeners
logo
Yea Shin Technology Co....
1N5994B YEASHIN-1N5994B Datasheet
1Mb / 9P
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N5994BUR MICROSEMI-1N5994BUR Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
1N5994BUR-1 MICROSEMI-1N5994BUR-1 Datasheet
397Kb / 5P
Surface Mount 500 mW Zener Diodes
Rev. 1
More results


Similar Description - 1N5994B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
DL5221 MCC-DL5221 Datasheet
890Kb / 2P
500 mW Zener Diode 2.4 to 200 Volts
BZT52C2V4 MCC-BZT52C2V4_10 Datasheet
208Kb / 3P
500 mW Zener Diode 2.4 to 43 Volts
1N5221 MCC-1N5221_11 Datasheet
477Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5221 MCC-DL5221_11 Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
DL5232B-TP MCC-DL5232B-TP Datasheet
632Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
1N5221B MCC-1N5221B Datasheet
550Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
BZT52C2V4 MCC-BZT52C2V4_13 Datasheet
463Kb / 4P
500 mW Zener Diode 2.4 to 51 Volts
DL5221B MCC-DL5221B Datasheet
593Kb / 5P
500 mW Zener Diode 2.4 to 75 Volts
MCL5221 MCC-MCL5221 Datasheet
120Kb / 3P
500 mW Zener Diode 2.4 to 75 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com