Electronic Components Datasheet Search
  English  ▼

X  

KRPA Datasheet (PDF) - Tyco Electronics

KRPA Datasheet PDF - Tyco Electronics
Part # KRPA
Download  KRPA Download
File Size   142.21 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 to 10 AmpGeneral Purpose Relay

KRPA Datasheet (PDF)

Go To PDF Page Download Datasheet
KRPA Datasheet PDF - Tyco Electronics

Part # KRPA
Download  KRPA Click to download

File Size   142.21 Kbytes
Page   5 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 5 to 10 AmpGeneral Purpose Relay

KRPA Datasheet (HTML) - Tyco Electronics




Similar Part No. - KRPA

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
KRPA TEC-KRPA Datasheet
250Kb / 3P
Octal type termination for quick installation
KRPA TEC-KRPA Datasheet
384Kb / 3P
Panel Plug-in Relay
Rev. 1112
logo
Tyco Electronics
KRPA-11AG-12 MACOM-KRPA-11AG-12 Datasheet
406Kb / 4P
KRPA Series Panel Plug-in Relay
logo
TE Connectivity Ltd
KRPA-11AG-12 TEC-KRPA-11AG-12 Datasheet
384Kb / 3P
Panel Plug-in Relay
Rev. 1112
logo
Tyco Electronics
KRPA-11AG-120 MACOM-KRPA-11AG-120 Datasheet
406Kb / 4P
KRPA Series Panel Plug-in Relay
More results


Similar Description - KRPA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FBR160 FUJI-FBR160 Datasheet
56Kb / 6P
POWER RELAY 1 POLE-3, 5, 10 A
logo
CSB Battery Co., Ltd.
GP12120 CSB-BATTERY-GP12120 Datasheet
510Kb / 2P
general purpose battery up to 5
GP12260 CSB-BATTERY-GP12260 Datasheet
529Kb / 2P
general purpose battery up to 5
GP12340 CSB-BATTERY-GP12340 Datasheet
533Kb / 2P
general purpose battery up to 5
GP6120 CSB-BATTERY-GP6120 Datasheet
532Kb / 2P
general purpose battery up to 5
logo
Tyco Electronics
2-1393143-0 MACOM-2-1393143-0 Datasheet
125Kb / 2P
General Purpose 3 to 10 Amp, Multicontact AC or DC Relay
logo
List of Unclassifed Man...
FCB-205-0127M ETC2-FCB-205-0127M Datasheet
131Kb / 2P
FCB 5-10 Amp Relay Series, DC Actuating System
logo
Tyco Electronics
KRP-11AG-24 MACOM-KRP-11AG-24 Datasheet
142Kb / 5P
5 to 10 Amp General Purpose Relay
logo
Picker Components
PC118 PICKER-PC118 Datasheet
264Kb / 2P
Mina ture 4 pole 5 Amp General Purpose Relay
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
Miniature 4 Pole 5 Amp General Purpose Relay
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com