Electronic Components Datasheet Search
  English  ▼

X  

CAT93C86WATE13 Datasheet (PDF) - Catalyst Semiconductor

CAT93C86WATE13 Datasheet PDF - Catalyst Semiconductor
Part # CAT93C86WATE13
Download  CAT93C86WATE13 Download
File Size   409.32 Kbytes
Page   9 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 16K-Bit Microwire Serial EEPROM

CAT93C86WATE13 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT93C86WATE13 Datasheet PDF - Catalyst Semiconductor

Part # CAT93C86WATE13
Download  CAT93C86WATE13 Click to download

File Size   409.32 Kbytes
Page   9 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 16K-Bit Microwire Serial EEPROM

CAT93C86WATE13 Datasheet (HTML) - Catalyst Semiconductor


CAT93C86WATE13 Product details

DESCRIPTION
The CAT93C46/56/57/66/86 are 1K/2K/2K/4K/16K-bit Serial E2PROM memory devices which are configured as either registers of 16 bits (ORG pin at VCC) or 8 bits (ORG pin at GND). Each register can be written (or read) serially by using the DI (or DO) pin.

FEATURES
■ High Speed Operation:
    – 93C46/56/57/66: 1MHz
    – 93C86: 3MHz
■ Low Power CMOS Technology
■ 1.8 to 6.0 Volt Operation
■ Selectable x8 or x16 Memory Organization
■ Self-Timed Write Cycle with Auto-Clear
■ Hardware and Software Write Protection
■ Power-Up Inadvertant Write Protection
■ 1,000,000 Program/Erase Cycles
■ 100 Year Data Retention
■ Commercial, Industrial and Automotive Temperature Ranges
■ Sequential Read (except 93C46)
■ Program Enable (PE) Pin (93C86 only)




Similar Part No. - CAT93C86WATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C86WAT2 CATALYST-CAT93C86WAT2 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86WAT2C ONSEMI-CAT93C86WAT2C Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Catalyst Semiconductor
CAT93C86WAT3 CATALYST-CAT93C86WAT3 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86WAT3C ONSEMI-CAT93C86WAT3C Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
More results


Similar Description - CAT93C86WATE13

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C86A FAIRCHILD-FM93C86A Datasheet
111Kb / 12P
16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93AA86A MICROCHIP-93AA86A Datasheet
494Kb / 28P
16K Microwire Compatible Serial EEPROM
2005
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
logo
Microchip Technology
93AA86A MICROCHIP-93AA86A_12 Datasheet
776Kb / 38P
16K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC86-I MICROCHIP-93LC86-I Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
logo
ON Semiconductor
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
16K-Bit Microwire Serial EEPROM
Rev. S
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com