Electronic Components Datasheet Search
  English  ▼

X  

178010601 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

178010601 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 178010601
Download  178010601 Download
File Size   3330.27 Kbytes
Page   54 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Variable Step Down Regulator Module

178010601 Datasheet (PDF)

Go To PDF Page Download Datasheet
178010601 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 178010601
Download  178010601 Click to download

File Size   3330.27 Kbytes
Page   54 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description Variable Step Down Regulator Module

178010601 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


178010601 Product details

DESCRIPTION
The VDRM series of the MagI³C Power Module family provides a fully integrated DC-DC power supply including the buck switching regulator and inductor in a package.

FEATURES
• Peak efficiency above 90%
• Current capability up to 5A
• Input voltage range: 6V to 36V
• Output voltage range: 0.8V to 6V
• Reference accuracy: ±2.5%
• No minimum load required
• Integrated shielded inductor solution for quick time to market and ease of use
• Single exposed pad for best-in-class thermal performance
• Low output voltage ripple (< 10mVpp)
• Fixed switching frequency: 812kHz (typ.)
• Current Mode control
• Synchronous operation
• Automatic power saving operation at light load
• Undervoltage lockout protection (UVLO)
• Adjustable soft-start and voltage tracking
• Frequency Synchronization with external clock (from 650kHz to 950kHz)
• Thermal shutdown
• Short circuit protection
• Cycle-by-cycle current limit
• Output overvoltage protection
• Package compatible with 171010601, 171012401, 171020601, 171012402, 171030601 and 171032401
• Operating ambient temperature up to 105°C
• RoHS and REACh compliant
• Operating junction temp. range: -40 to 125°C
• Mold compound UL 94 Class V0 (flammability testing) certified
• Complies with EN55032 class B conducted and radiated emissions standard

TYPICAL APPLICATIONS
• Point-of-Load DC-DC applications from 9V, 12V, 18V and 24V industrial rails
• Industrial, test & measurement, medical applications
• System power supplies
• DSPs, FPGAs, MCUs and MPUs supply
• I/O interface power supply




Similar Part No. - 178010601

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178010601 WURTH-178010601 Datasheet
3Mb / 54P
Variable Step Down Regulator Module
More results


Similar Description - 178010601

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
178012401 WURTH-178012401 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178032401 WURTH-178032401 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178012402 WURTH-178012402 Datasheet
1Mb / 31P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
178020601 WURTH-178020601 Datasheet
1Mb / 29P
MagI쨀C Power Module VDRM - Variable Step Down Regulator Module
171020302 WURTH-171020302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171040302 WURTH-171040302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171060302 WURTH-171060302 Datasheet
1Mb / 29P
Variable Step Down Regulator Module
171021501 WURTH-171021501 Datasheet
3Mb / 46P
Variable Step Down Regulator Module
171030601 WURTH-171030601 Datasheet
3Mb / 54P
Variable Step Down Regulator Module
171011801 WURTH-171011801 Datasheet
3Mb / 49P
MagI3C Power Module VDRM ??Variable Step Down Regulator Module
1.0 February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com