Electronic Components Datasheet Search
  English  ▼

X  

KTC812T Datasheet (PDF) - KEC(Korea Electronics)

KTC812T Datasheet PDF - KEC(Korea Electronics)
Part # KTC812T
Download  KTC812T Download
File Size   408.88 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR

KTC812T Datasheet (PDF)

Go To PDF Page Download Datasheet
KTC812T Datasheet PDF - KEC(Korea Electronics)

Part # KTC812T
Download  KTC812T Click to download

File Size   408.88 Kbytes
Page   3 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description EPITAXIAL PLANAR NPN TRANSISTOR

KTC812T Datasheet (HTML) - KEC(Korea Electronics)


KTC812T Product details

FOR MUTING AND SWITCHING APPLICATION.

FEATURES
• High Emitter-Base Voltage : VEBO=25V(Min.)
• High Reverse hFE
   : Reverse hFE=150(Typ.) (VCE=-2V, IC=-4mA)
• Low on Resistance : RON=1 (Typ.), (IB=5mA)




Similar Part No. - KTC812T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC812T KEC-KTC812T Datasheet
15Kb / 1P
TS6 PACKAGE
KTC812T KEC-KTC812T_05 Datasheet
15Kb / 1P
TS6 PACKAGE
KTC812T KEC-KTC812T_15 Datasheet
55Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - KTC812T

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com