Electronic Components Datasheet Search
  English  ▼

X  

1612H-SMX-4 Datasheet (PDF) - Advanced Crystal Technology

1612H-SMX-4 Datasheet PDF - Advanced Crystal Technology
Part # 1612H-SMX-4
Download  1612H-SMX-4 Download

File Size   179.29 Kbytes
Page   1 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 1.6 x 1.2mm Crystal unit

1612H-SMX-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
1612H-SMX-4 Datasheet PDF - Advanced Crystal Technology

Part # 1612H-SMX-4
Download  1612H-SMX-4 Click to download

File Size   179.29 Kbytes
Page   1 Pages
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology
Description 1.6 x 1.2mm Crystal unit

1612H-SMX-4 Datasheet (HTML) - Advanced Crystal Technology




Similar Part No. - 1612H-SMX-4

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1612 SCHURTER-1612 Datasheet
362Kb / 3P
   IEC Plug I, Cord Connector (Rewireable), Straight
logo
List of Unclassifed Man...
1612-2 ETC2-1612-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1612-2 ETC2-1612-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1612-2 ETC2-1612-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
logo
Schurter Inc.
1612-H-ABC0-D-EJ SCHURTER-1612-H-ABC0-D-EJ Datasheet
362Kb / 3P
   IEC Plug I, Cord Connector (Rewireable), Straight
More results


Similar Description - 1612H-SMX-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
1016-SMX-4 ACT-1016-SMX-4 Datasheet
230Kb / 2P
   1.6 x 1.2mm Crystal unit
1/02/2017
logo
Fox Electronics
C0BS FOX-C0BS Datasheet
287Kb / 3P
   1.6 x 1.2mm Ceramic SMD Crystal
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
   2.0 x 1.2mm Watch crystal
1/02/2017
logo
Transko Electronics, In...
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
   MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
logo
TAITIEN ELECTRONICS CO....
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
   2.0 x 1.6 mm SMD Crystal
logo
IQD Frequency Products ...
IQXO-98X IQD-IQXO-98X Datasheet
306Kb / 7P
   1.6 x 1.2mm crystal oscillator in a ceramic package with a seam sealed metal lid, hermetically sealed
logo
Advanced Crystal Techno...
752-SMX-2 ACT-752-SMX-2 Datasheet
232Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
753-SMX-4 ACT-753-SMX-4 Datasheet
236Kb / 2P
   7.0 x 5.0mm Crystal unit
1/02/2017
2016-SMX-4 ACT-2016-SMX-4 Datasheet
198Kb / 2P
   2.0 x 1.6mm crystal unit
01/2/2017
2520H-SMX-4 ACT-2520H-SMX-4 Datasheet
178Kb / 1P
   2.5 x 2.0mm Crystal unit
1/2/2017
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com